Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4261-503I/P Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP4261-503I/P
Description  7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4261-503I/P Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP4261-503I/P Datasheet HTML 29Page - Microchip Technology MCP4261-503I/P Datasheet HTML 30Page - Microchip Technology MCP4261-503I/P Datasheet HTML 31Page - Microchip Technology MCP4261-503I/P Datasheet HTML 32Page - Microchip Technology MCP4261-503I/P Datasheet HTML 33Page - Microchip Technology MCP4261-503I/P Datasheet HTML 34Page - Microchip Technology MCP4261-503I/P Datasheet HTML 35Page - Microchip Technology MCP4261-503I/P Datasheet HTML 36Page - Microchip Technology MCP4261-503I/P Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22059B-page 33
MCP414X/416X/424X/426X
4.2.2.2
Terminal Control (TCON) Register
This register contains 8 control bits. Four bits are for
Wiper 0, and four bits are for Wiper 1. Register 4-2
describes each bit of the TCON register.
The state of each resistor network terminal connection
is individually controlled. That is, each terminal
connection (A, B and W) can be individually connected/
disconnected from the resistor network. This allows the
system to minimize the currents through the digital
potentiometer.
The value that is written to this register will appear on
the resistor network terminals when the serial
command has completed.
When the WL1 bit is enabled, writes to the TCON
register bits R1HW, R1A, R1W, and R1B are inhibited.
When the WL0 bit is enabled, writes to the TCON
register bits R0HW, R0A, R0W, and R0B are inhibited.
On a POR/BOR this register is loaded with
1FFh (9-bits), for all terminals connected. The
HostController needs to detect the POR/BOR event
and then update the Volatile TCON register value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com