Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358 Datasheet(PDF) 2 Page - Motorola, Inc

Part # LM358
Description  DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM358 Datasheet(HTML) 2 Page - Motorola, Inc

  LM358 Datasheet HTML 1Page - Motorola, Inc LM358 Datasheet HTML 2Page - Motorola, Inc LM358 Datasheet HTML 3Page - Motorola, Inc LM358 Datasheet HTML 4Page - Motorola, Inc LM358 Datasheet HTML 5Page - Motorola, Inc LM358 Datasheet HTML 6Page - Motorola, Inc LM358 Datasheet HTML 7Page - Motorola, Inc LM358 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM358, LM258, LM2904, LM2904V
2
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, VEE = Gnd, TA = 25°C, unless otherwise noted.)
Ch
t
i ti
Sb l
LM258
LM358
LM2904
LM2904V
Uit
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VCC = 5.0 V to 30 V (26 V for
LM2904, V), VIC = 0 V to VCC –1.7 V,
VO ] 1.4 V, RS = 0 Ω
VIO
mV
TA = 25°C
–
2.0
5.0
–
2.0
7.0
–
2.0
7.0
–
–
–
TA = Thigh (Note 1)
–
–
7.0
–
–
9.0
–
–
10
–
–
13
TA = Tlow (Note 1)
–
–
2.0
–
–
9.0
–
–
10
–
–
10
Average Temperature Coefficient of Input
Offset Voltage
∆VIO/∆T
–
7.0
–
–
7.0
–
–
7.0
–
–
7.0
–
µV/°C
TA = Thigh to Tlow (Note 1)
Input Offset Current
IIO
–
3.0
30
–
5.0
50
–
5.0
50
–
5.0
50
nA
TA = Thigh to Tlow (Note 1)
–
–
100
–
–
150
–
45
200
–
45
200
Input Bias Current
IIB
–
–45
–150
–
–45
–250
–
–45
–250
–
–45
–250
TA = Thigh to Tlow (Note 1)
–
–50
–300
–
–50
–500
–
–50
–500
–
–50
–500
Average Temperature Coefficient of Input
Offset Current
∆IIO/∆T
–
10
–
–
10
–
–
10
–
–
10
–
pA/
°C
TA = Thigh to Tlow (Note 1)
Input Common Mode Voltage Range
(Note 2),VCC = 30 V (26 V for LM2904, V)
VICR
0
–
28.3
0
–
28.3
0
–
24.3
0
–
24.3
V
VCC = 30 V (26 V for LM2904, V),
TA = Thigh to Tlow
0
–
28
0
–
28
0
–
24
0
–
24
Differential Input Voltage Range
VIDR
–
–
VCC
–
–
VCC
–
–
VCC
–
–
VCC
V
Large Signal Open Loop Voltage Gain
AVOL
V/mV
RL = 2.0 kΩ, VCC = 15 V, For Large VO
Swing,
50
100
–
25
100
–
25
100
–
25
100
–
TA = Thigh to Tlow (Note 1)
25
–
–
15
–
–
15
–
–
15
–
–
Channel Separation
CS
–
–120
–
–
–120
–
–
–120
–
–
–120
–
dB
1.0 kHz
≤ f ≤ 20 kHz, Input Referenced
Common Mode Rejection
CMR
70
85
–
65
70
–
50
70
–
50
70
–
dB
RS ≤ 10 kΩ
Power Supply Rejection
PSR
65
100
–
65
100
–
50
100
–
50
100
–
dB
Output Voltage–High Limit (TA = Thigh to
Tlow) (Note 1)
VOH
V
VCC = 5.0 V, RL = 2.0 kΩ, TA = 25°C
3.3
3.5
–
3.3
3.5
–
3.3
3.5
–
3.3
3.5
–
VCC = 30 V (26 V for LM2904, V),
RL = 2.0 kΩ
26
–
–
26
–
–
22
–
–
22
–
–
VCC = 30 V (26 V for LM2904, V),
RL = 10 kΩ
27
28
–
27
28
–
23
24
–
23
24
–
Output Voltage–Low Limit
VOL
–
5.0
20
–
5.0
20
–
5.0
20
–
5.0
20
mV
VCC = 5.0 V, RL = 10 kΩ, TA = Thigh to
Tlow (Note 1)
Output Source Current
IO+
20
40
–
20
40
–
20
40
–
20
40
–
mA
VID = +1.0 V, VCC = 15 V
Output Sink Current
IO–
VID = –1.0 V, VCC = 15 V
10
20
–
10
20
–
10
20
–
10
20
–
mA
VID = –1.0 V, VO = 200 mV
12
50
–
12
50
–
–
–
–
–
–
–
µA
Output Short Circuit to Ground (Note 3)
ISC
–
40
60
–
40
60
–
40
60
–
40
60
mA
Power Supply Current (TA = Thigh to Tlow)
(Note 1)
ICC
mA
VCC = 30 V (26 V for LM2904, V),
VO = 0 V, RL = ∞
–
1.5
3.0
–
1.5
3.0
–
1.5
3.0
–
1.5
3.0
VCC = 5 V, VO = 0 V, RL = ∞
–
0.7
1.2
–
0.7
1.2
–
0.7
1.2
–
0.7
1.2
NOTES: 1. Tlow = –40°C for LM2904
Thigh = +105°C for LM2904
= –40
°C for LM2904V
= +125
°C for LM2904V
= –25
°C for LM258
= +85
°C for LM258
=0
°C for LM358
= +70
°C for LM358
2. The input common mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of the common
mode voltage range is VCC –1.7 V.
3. Short circuits from the output to VCC can cause excessive heating and eventual destruction. Destructive dissipation can result from simultaneous shorts
on all amplifiers.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com