Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC6503 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC6503
Description  Transistor Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6503 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC6503 Datasheet HTML 1Page - Toshiba Semiconductor TPC6503 Datasheet HTML 2Page - Toshiba Semiconductor TPC6503 Datasheet HTML 3Page - Toshiba Semiconductor TPC6503 Datasheet HTML 4Page - Toshiba Semiconductor TPC6503 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TPC6503
2006-02-16
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
TPC6503
High-Speed Switching Applications
DC-DC Converter Applications
Strobe Applications
•
High DC current gain: hFE = 400 to 1000 (IC = 0.15 A)
•
Low collector-emitter saturation voltage: VCE (sat) = 0.12 V (max)
•
High-speed switching: tf = 45 ns (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEX
30
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
7
V
DC
IC
1.5
Collector current
Pulse
ICP
2.5
A
Base current
IB
150
mA
DC
0.8
Collector power
dissipation
t
= 10 s
PC (Note)
1.6
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Mounted on FR4 board (glass epoxy, 1.6 mm thick, Cu area:
645 mm
2)
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Conditions
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 40 V, IE = 0
⎯
⎯
100
nA
Emitter cut-off current
IEBO
VEB = 7 V, IC = 0
⎯
⎯
100
nA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
20
⎯
⎯
V
hFE (1)
VCE = 2 V, IC = 0.15 A
400
⎯
1000
DC current gain
hFE (2)
VCE = 2 V, IC = 0.5 A
200
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = 0.5 A, IB = 10 mA
⎯
⎯
0.12
V
Base-emitter saturation voltage
VBE (sat)
IC = 0.5 A, IB = 10 mA
⎯
⎯
1.10
V
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
⎯
18
⎯
pF
Rise time
tr
⎯
43
⎯
Storage time
tstg
⎯
295
⎯
Switching time
Fall time
tf
See Figure 1 circuit diagram.
VCC ∼− 12 V, RL = 24 Ω
IB1 = −IB2 = 17 mA
⎯
45
⎯
ns
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3S1A
Weight: 0.01 g (typ.)


Similar Part No. - TPC6503

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6503 TOSHIBA-TPC6503 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - TPC6503

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HM879 HSMC-HM879 Datasheet
27Kb / 3P
SILICON NPN EPITAXIAL TYPE TRANSISTOR
HSD879 HSMC-HSD879 Datasheet
30Kb / 3P
SILICON NPN EPITAXIAL TYPE TRANSISTOR
HSD879D HSMC-HSD879D Datasheet
32Kb / 3P
SILICON NPN EPITAXIAL TYPE TRANSISTOR
logo
Toshiba Semiconductor
MT3S04AU TOSHIBA-MT3S04AU Datasheet
111Kb / 2P
TRANSISTOR SILICON NPN EPITAXIAL TYPE
2SC5976 TOSHIBA-2SC5976 Datasheet
175Kb / 5P
Transistor Silicon NPN Epitaxial Type
2SC6139 TOSHIBA-2SC6139 Datasheet
191Kb / 5P
Transistor Silicon NPN Epitaxial Type
2SC6140 TOSHIBA-2SC6140 Datasheet
173Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPC6501 TOSHIBA-TPC6501_06 Datasheet
148Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPC6502 TOSHIBA-TPC6502 Datasheet
187Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPCP8510 TOSHIBA-TPCP8510 Datasheet
218Kb / 5P
Transistor Silicon NPN Epitaxial Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com