Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM293D Datasheet(PDF) 1 Page - Motorola, Inc

Part # LM293D
Description  SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM293D Datasheet(HTML) 1 Page - Motorola, Inc

  LM293D Datasheet HTML 1Page - Motorola, Inc LM293D Datasheet HTML 2Page - Motorola, Inc LM293D Datasheet HTML 3Page - Motorola, Inc LM293D Datasheet HTML 4Page - Motorola, Inc LM293D Datasheet HTML 5Page - Motorola, Inc LM293D Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Device
Operating
Temperature Range
Package
LM393, LM393A,
LM293, LM2903,
LM2903V
SEMICONDUCTOR
TECHNICAL DATA
SINGLE SUPPLY, LOW POWER
DUAL COMPARATORS
ORDERING INFORMATION
LM293D
LM393D
TA = –25° to +85°C
TA = 0° to +70°C
SO–8
Plastic DIP
PIN CONNECTIONS
Order this document by LM393/D
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
N SUFFIX
PLASTIC PACKAGE
CASE 626
1
1
8
8
(Top View)
Gnd
Inputs A
Inputs B
Output B
Output A
VCC
–
–
+
+
1
2
3
4
8
7
6
5
LM393AN,N
LM2903D
LM2903N
TA = –40° to +105°C
SO–8
Plastic DIP
SO–8
LM2903VD
LM2903VN
TA = –40° to +105°C
SO–8
Plastic DIP
1
MOTOROLA ANALOG IC DEVICE DATA
Low Offset Voltage
Dual Comparators
The LM393 series are dual independent precision voltage comparators
capable of single or split supply operation. These devices are designed to
permit a common mode range–to–ground level with single supply operation.
Input offset voltage specifications as low as 2.0 mV make this device an
excellent selection for many applications in consumer automotive, and
industrial electronics.
• Wide Single–Supply Range: 2.0 Vdc to 36 Vdc
• Split–Supply Range: ±1.0 Vdc to ±18 Vdc
• Very Low Current Drain Independent of Supply Voltage: 0.4 mA
• Low Input Bias Current: 25 nA
• Low Input Offset Current: 5.0 nA
• Low Input Offset Voltage: 2.0 mV (max) LM393A
5.0 mV (max) LM293/393
• Input Common Mode Range to Ground Level
• Differential Input Voltage Range Equal to Power Supply Voltage
• Output Voltage Compatible with DTL, ECL, TTL, MOS, and CMOS Logic
Levels
• ESD Clamps on the Inputs Increase the Ruggedness of the Device
without Affecting Performance
Representative Schematic Diagram
(Diagram shown is for 1 comparator)
VCC
+ Input
– Input
Output
Q3
R4
Q4
Q5
R2
Q6
Q14
Q16
Q15
Q12
Q11
Q10
Q9
Q8
Q2
Q1
F1
2.0 k
2.1 k
R1
4.6 k
© Motorola, Inc. 1996
Rev 1


Similar Part No. - LM293D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM293D PHILIPS-LM293D Datasheet
121Kb / 6P
Low power dual voltage comparator
1995 Nov 27
logo
Texas Instruments
LM293D TI-LM293D Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
logo
ON Semiconductor
LM293D ONSEMI-LM293D Datasheet
115Kb / 10P
Low Offset Voltage Dual Comparators
October, 2004 ??Rev. 15
LM293D ONSEMI-LM293D Datasheet
107Kb / 10P
Low Offset Voltage Dual Comparators
March, 2006 ??Rev. 17
logo
Texas Instruments
LM293D TI-LM293D Datasheet
458Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - LM293D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
MAX971 MAXIM-MAX971 Datasheet
325Kb / 17P
Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Rev 3; 2/03
MAX976 MAXIM-MAX976 Datasheet
120Kb / 8P
Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
Rev 1; 1/98
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
Ultra-Low-Power, Single/Dual-Supply Comparators
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
Ultra-Low-Power, Single/Dual-Supply Comparators
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM971 SILABS-TSM971 Datasheet
1Mb / 19P
Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com