Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC6601 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC6601
Description  Transistor Silicon PNP Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6601 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC6601 Datasheet HTML 1Page - Toshiba Semiconductor TPC6601 Datasheet HTML 2Page - Toshiba Semiconductor TPC6601 Datasheet HTML 3Page - Toshiba Semiconductor TPC6601 Datasheet HTML 4Page - Toshiba Semiconductor TPC6601 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TPC6601
2006-11-10
1
TOSHIBA Transistor Silicon PNP Epitaxial Type
TPC6601
High-Speed Switching Applications
DC-DC Converter Applications
•
High DC current gain: hFE = 200 to 500 (IC = −0.3 A)
•
Low collector-emitter saturation voltage: VCE (sat) = −0.2 V (max)
•
High-speed switching: tf = 90 ns (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
VCEO
−50
V
Emitter-base voltage
VEBO
−7
V
DC
IC
−2.0
Collector current
Pulse
ICP
−3.5
A
Base current
IB
−0.2
A
DC
0.8
Collector power
dissipation
t
= 10 s
PC
(Note 1)
1.6
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Mounted on an FR4 board (glass epoxy, 1.6 mm thick, Cu
area: 645 mm
2)
Note 2: Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3T1A
Weight: 0.011 g (typ.)


Similar Part No. - TPC6601

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6601 TOSHIBA-TPC6601 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - TPC6601

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA2058 TOSHIBA-2SA2058 Datasheet
196Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type
TPC6603 TOSHIBA-TPC6603 Datasheet
156Kb / 5P
Transistor Silicon PNP Epitaxial Type
logo
Guangdong Kexin Industr...
2SA1162 KEXIN-2SA1162 Datasheet
86Kb / 2P
Silicon PNP Epitaxial Type Transistor
2SA1832 KEXIN-2SA1832 Datasheet
37Kb / 1P
Silicon PNP Epitaxial Type Transistor
logo
Toshiba Semiconductor
2SA2219 TOSHIBA-2SA2219 Datasheet
171Kb / 5P
Transistor Silicon PNP Epitaxial Type
2SA2220 TOSHIBA-2SA2220 Datasheet
173Kb / 5P
Transistor Silicon PNP Epitaxial Type
TPC6604 TOSHIBA-TPC6604 Datasheet
165Kb / 5P
Transistor Silicon PNP Epitaxial Type
logo
Bruckewell Technology L...
2SC1623 BWTECH-2SC1623 Datasheet
380Kb / 4P
Silicon PNP Epitaxial Type Transistor
2SA1162 BWTECH-2SA1162 Datasheet
410Kb / 4P
Silicon PNP Epitaxial Type Transistor
logo
Galaxy Semi-Conductor H...
HM879 BILIN-HM879 Datasheet
156Kb / 3P
SILICON PNP EPITAXIAL TYPE TRANSISTOR
Rev.A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com