Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC6604 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPC6604
Description  Transistor Silicon PNP Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6604 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPC6604 Datasheet HTML 1Page - Toshiba Semiconductor TPC6604 Datasheet HTML 2Page - Toshiba Semiconductor TPC6604 Datasheet HTML 3Page - Toshiba Semiconductor TPC6604 Datasheet HTML 4Page - Toshiba Semiconductor TPC6604 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TPC6604
2009-09-02
3
Base-emitter voltage VBE (V)
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
VBE (sat) – IC
-1.2
-2
0
0
-0.2
-0.4
-0.6
-0.8
-1
-0.2
-0.4
-0.6
-0.8
-1
IB = -1 mA
-5
-10
-15
-20
-50
-100
10000
-0.001
1000
100
1
-0.01
-0.1
-1
Ta
= 100°C
25℃
−55℃
-10
-0.1
-0.001
-0.001
-0.01
-0.1
-1
−55℃
Ta
= 100°C
25℃
-10
-1
-0.1
-0.001
-0.01
-0.1
-1
Ta
= 100°C
25℃
−55℃
25℃
−55℃
Ta
= 100°C
0
0
-0.2
-0.4
-0.6
-0.8
-1
-1.2
-0.2
-0.4
-0.6
-0.8
-1
IC-VBE
-30
-40
10
Common emitter
VCE = -2 V
Single pulse test
Common emitter
Ta
= 25°C
Single pulse test
Common emitter
IC/IB = 30
Single pulse test
Common emitter
IC/IB = 30
Single pulse test
Common emitter
VCE = -2 V
Single pulse test
-0.01
-1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com