Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC6901A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC6901A
Description  Multi-Chip Transistor Silicon NPN / PNP Epitaxial Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6901A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC6901A Datasheet HTML 1Page - Toshiba Semiconductor TPC6901A Datasheet HTML 2Page - Toshiba Semiconductor TPC6901A Datasheet HTML 3Page - Toshiba Semiconductor TPC6901A Datasheet HTML 4Page - Toshiba Semiconductor TPC6901A Datasheet HTML 5Page - Toshiba Semiconductor TPC6901A Datasheet HTML 6Page - Toshiba Semiconductor TPC6901A Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPC6901A
2009-07-06
1
TOSHIBA Multi-Chip Transistor Silicon NPN / PNP Epitaxial Type
TPC6901A
High-Speed Switching Applications
MOS Gate Drive Applications
• NPN and PNP transistors are mounted on a compact and slim package.
• High DC current gain
: NPN hFE = 400 to 1000
: PNP hFE = 200 to 500
• Low collector-emitter saturation voltage
: NPN VCE (sat) = 0.17 V (max)
: PNP VCE (sat) = -0.23 V (max)
• High-speed switching
: NPN tf = 85 ns (typ.)
: PNP tf = 70 ns (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Rating
Characteristics
Symbol
NPN
PNP
Unit
Collector-base voltage
VCBO
100
−50
V
Collector-emitter voltage
VCEX
80
−50
V
Collector-emitter voltage
VCEO
50
−50
V
Emitter-base voltage
VEBO
7
−7
V
DC (Note 1)
IC
1.0
−0.7
A
Collector current
Pulse (Note 1)
ICP
5.0
−5.0
A
Base current
IB
0.1
−0.1
A
Collector power
dissipation (t=10 s)
Single-device
operation
PC
(Note 2)
500
mW
Single-device
operation
PC
(Note 2)
400
Collector power
dissipation (DC)
Single-device value
at dual operation
PC
(Note 2)
330
mW
Thermal resistance,
junction to ambient
(t=10 s)
Single-device
operation
Rth (j-a)
(Note 2)
250
°C/W
Single-device
operation
Rth (j-a)
(Note 2)
312
Thermal resistance,
junction to ambient
(DC)
Single-device value
at dual operation
Rth (j-a)
(Note 2)
378
°C/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Please use devices on condition that the junction temperature is below 150℃.
Note 2: Mounted on FR4 board (glass epoxy, 1.6 mm thick, Cu area: 645 mm
2)
Note 3: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3T1A
Weight: 0.011 g (typ.)


Similar Part No. - TPC6901A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6901A TOSHIBA-TPC6901A Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - TPC6901A

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR501J AUK-SUR501J Datasheet
80Kb / 3P
NPN/PNP Epitaxial Planar type Silicon Transistor
logo
Toshiba Semiconductor
RN47A5 TOSHIBA-RN47A5 Datasheet
94Kb / 4P
TOSHIBA Transistor Silicon NPN PNP Epitaxial Type
logo
List of Unclassifed Man...
2SA1017 ETC-2SA1017 Datasheet
30Kb / 1P
PNP/NPN EPITAXIAL PLANAR TYPE SILICON TRANSISTOR
logo
Toshiba Semiconductor
TPC6902 TOSHIBA-TPC6902 Datasheet
204Kb / 7P
Multi-Chip Transistor Silicon NPN / PNP Epitaxial Type
logo
Seme LAB
BUP54 SEME-LAB-BUP54_09 Datasheet
195Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
logo
SeCoS Halbleitertechnol...
BC847PN SECOS-BC847PN_15 Datasheet
699Kb / 3P
NPN - PNP Silicon Multi-Chip Transistor
logo
TT Electronics.
BUP51 TTELEC-BUP51 Datasheet
196Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUV20 TTELEC-BUV20 Datasheet
479Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUX11 TTELEC-BUX11 Datasheet
200Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUX12 TTELEC-BUX12 Datasheet
193Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com