Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCF8402 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCF8402
Description  Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8402 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCF8402 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 7Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 8Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TPCF8402
2009-09-29
1
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402
Portable Equipment Applications
Motor Drive Applications
DC-DC Converter Applications
• Low drain-source ON resistance : P Channel RDS (ON) = 60 mΩ (typ.)
N Channel RDS (ON) = 38 mΩ (typ.)
• High forward transfer admittance : P Channel |Yfs| = 5.9 S (typ.)
N Channel |Yfs| = 6.8 S (typ.)
• Low leakage current : P Channel IDSS = −10 μA (VDS = −30 V)
N Channel IDSS = 10 μA (VDS = 30 V)
• Enhancement-mode
: P Channel Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1mA)
N Channel Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
-30
30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
-30
30
V
Gate-source voltage
VGSS
±20
±20
V
DC
(Note 1)
ID
-3.2
4.0
Drain current
Pulse
(Note 1)
IDP
-12.8
16.0
A
Single-device operation
(Note 3a)
PD (1)
1.35
1.35
Drain power
dissipation
(t
= 5 s)
(Note 2a)
Single-device value at
dual operation(Note 3b)
PD (2)
1.12
1.12
Single-device operation
(Note 3a)
PD (1)
0.53
0.53
Drain power
dissipation
(t
= 5 s)
(Note 2b)
Single-device value at
dual operation(Note 3b)
PD (2)
0.33
0.33
W
Single pulse avalanche energy (Note 4)
EAS
0.67
2.6
mJ
Avalanche current
IAR
-1.6
2.0
A
Repetitive avalanche energy
Single-device value at dual operation
(Note 2a, 3b, 5)
EAR
0.11
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: For Notes 1 to 5, refer to the next page.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and
Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Handle with caution.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3U1B
Weight: 0.011 g (typ.)
Circuit Configuration
1
2
3
4
8
7
6
5


Similar Part No. - TPCF8402

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8402 TOSHIBA-TPCF8402 Datasheet
274Kb / 11P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
18-Aug-2003
TPCF8402 TOSHIBA-TPCF8402 Datasheet
319Kb / 11P
Portable Equipment Applications Motor Drive Applications DC-DC Converter Applications
TPCF8402 TOSHIBA-TPCF8402 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPCF8402_0912 TOSHIBA-TPCF8402_0912 Datasheet
319Kb / 11P
Portable Equipment Applications Motor Drive Applications DC-DC Converter Applications
More results

Similar Description - TPCF8402

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
26-Sep-2003
TPCF8402 TOSHIBA-TPCF8402 Datasheet
274Kb / 11P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
18-Aug-2003
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPC8025 TOSHIBA-TPC8025 Datasheet
191Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8027 TOSHIBA-TPC8027 Datasheet
188Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8029 TOSHIBA-TPC8029 Datasheet
189Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8030 TOSHIBA-TPC8030 Datasheet
229Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8041 TOSHIBA-TPC8041 Datasheet
201Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8042 TOSHIBA-TPC8042 Datasheet
207Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8405 TOSHIBA-TPC8405 Datasheet
275Kb / 11P
Field Effect Transistor Silicon N, P Channel MOS Type (P Channel U−MOS IV/N Channel U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com