Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM631 Datasheet(PDF) 21 Page - Silicon Touch Technology Inc.

Part # DM631
Description  16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM631 Datasheet(HTML) 21 Page - Silicon Touch Technology Inc.

Back Button DM631 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 17Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 18Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 19Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 20Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 21Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 22Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 23Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 24Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
16-channel 12-bit PWM Constant Current LED Driver
Version:A.003
Page 20
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM631
b
e
D
0.004MAX.
L
GAUGE PLANE
SEATING PLANE
Package Outline Dimension
DM631-SOP
DIMENSIONS IN INCH DIMENSIONS IN MM
SYMBOLS
MIN.
MAX.
MIN.
MAX.
A
-
0.104
-
2.642
A1
0.004
-
0.102
-
b
0.016 BSC
0.406 BSC
D
0.612
0.624
15.545
15.850
E
0.292
0.299
7.417
7.595
e
0.050 BSC
1.270 BSC
H
0.405
0.419
10.287
10.643
L
0.021
0.041
0.533
1.041
Θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com