Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM633 Datasheet(PDF) 5 Page - Silicon Touch Technology Inc.

Part # DM633
Description  16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM633 Datasheet(HTML) 5 Page - Silicon Touch Technology Inc.

  DM633 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM633 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM633 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM633 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM633 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM633 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM633 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM633 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM633 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
16-channel 12-bit PWM Constant Current LED Driver
Version : A.002
Page 4
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM633
Equivalent Circuit of Inputs and Outputs
1. DCK, DAI,
LAT , SOMODE/GCK terminals
2. DAO terminals
PCB Layout Consideration
To connect an external resistor to REXT pin and ground can determine the maximum output
current. If there is any disturbance occurred to REXT pin, the constant current output may be
unstable or noisy. Since REXT (pin23), DAO (pin22), and SOMODE/GCK (pin21) are next to each
other, the most possible interference is caused by DAO or SOMODE/GCK signal. Accordingly, it is
recommended that adding some shielding area within the above pins in PCB layout, or laying the
signal line of above pins on different PCB layer will prevent the noise problems effectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com