Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM115B Datasheet(PDF) 17 Page - Silicon Touch Technology Inc.

Part # DM115B
Description  8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM115B Datasheet(HTML) 17 Page - Silicon Touch Technology Inc.

Back Button DM115B Datasheet HTML 9Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 10Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 11Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 12Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 13Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 14Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 15Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 16Page - Silicon Touch Technology Inc. DM115B Datasheet HTML 17Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
DM115B
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8-BIT CONSTANT CURRENT LED DRIVERS with 3.3V~5V supply voltage
Version:A.001
Page 16
The products listed herein are designed for ordinary electronic applications, such as
electrical appliances, audio-visual equipment, communications devices and so on.
Hence, it is advisable that the devices should not be used in medical instruments,
surgical implants, aerospace machinery, nuclear power control systems,
disaster/crime-prevention equipment and the like. Misusing those products may
directly or indirectly endanger human life, or cause injury and property loss.
Silicon Touch Technology, Inc. will not take any responsibilities regarding the
misusage of the products mentioned above. Anyone who purchases any products
described herein with the above-mentioned intention or with such misused
applications should accept full responsibility and indemnify. Silicon Touch
Technology, Inc. and its distributors and all their officers and employees shall defend
jointly and severally against any and all claims and litigation and all damages, cost
and expenses associated with such intention and manipulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com