Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM412 Datasheet(PDF) 10 Page - Silicon Touch Technology Inc.

Part # DM412
Description  3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM412 Datasheet(HTML) 10 Page - Silicon Touch Technology Inc.

Back Button DM412 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 14Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.003
Page 9
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM412
Input Data Format
LED Open Detection
DM412 provides a real time monitor of LED open detection function without extra components
or circuit design. It will be identified as a LED open failure when the output is turned on but the
output voltage is below 0.3V. The test result of each channel will write to its correspondent shift
register which is in LSB position (R[0], G[0], B[0]) while strobe signal is active. User can refer to
timing diagram on page12. Detecting report could be retrieved from serial-out (DAO) data. If the
system reads ‘1’ back, that indicates LED is in normal status. But if ‘0’ was retrieved then LED
open failure has occurred. In order to make sure LED open detection function is in well operating
condition, it is recommended that all the luminance data are wrote to ‘1’ then almost turning on the
outputs during detection process.
Serial-out Data Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com