Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD177 Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # FD177
Description  Single Coil Brushless DC Motor Drivers with Soft-Switching( 2.0 to 6.5 Volts )
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FD177 Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  FD177 Datasheet HTML 1Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 2Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 3Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 4Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 5Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 6Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 7Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 8Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FD177
Version
:A.003
Page
:3
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
FD177
Electrical Characteristics
( Unless otherwise noted, VDD=5V, TA = 25 °C )
Limit
Characteristic
Sym.
Condition
Min.
Typ.
Max.
Unit
Operation Voltage
VDD
2
5
6.5
V
Supply current
Icc
3
5
mA
Maximum Output
Voltage Range
VOH
IOUT = 300 mA
4.5
4.65
-
V
Minimum Output
Voltage Range
VOL
IOUT = 300 mA
-
0.35
0.5
V
FG Output
Low Voltage
VFGROL
IFGR= 3 mA
-
0.25
0.4
V
Hall Amplifier Offset
VOffSet
-9
0
9
mV
Input-Output Gain
GIO
45
48
51
dB
Automatic self-restart
Lock detection
on Time
TON
-
110
150
190
ms
Lock detection
off Time
TOFF
-
0.75
1.05
1.35 Sec



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com