Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD212 Datasheet(PDF) 5 Page - Silicon Touch Technology Inc.

Part # FD212
Description  Single Coil Brushless DC Motor Drivers Built-in Hall Sensor ( 2 to 5.5 Volts )
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FD212 Datasheet(HTML) 5 Page - Silicon Touch Technology Inc.

  FD212 Datasheet HTML 1Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 2Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 3Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 4Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 5Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 6Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 7Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 8Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
FD212
SP-FD212-A.003
Version
:A.003
Page
:4
Power Dissipation-Temperature (SOT25)
0
50
100
150
200
250
300
350
400
450
500
0
25
50
75
100
125
150
Ambient Temperature ( ℃ )
Power Dissipation-Temperature (LFCSP8)
0
100
200
300
400
500
600
700
800
0
25
50
75
100
125
150
Ambient Temperature ( ℃ )
Block Diagram & Application Circuit
Application Notes
There is no requirement of the bypass capacitor or Zener Diode between VDD
and GND in normal applications. The connection of this capacitor or Zener Diode
will increase stability of operation, if required.
The FG pin is an open-drained output. The output frequency is corresponding to
the rotation speed sensed by the built-in Hall effect position sensor. With suitable
output pull-up, the fan tachometer output can be used directly with bipolar or
MOS logic for motor speed monitoring/control.
The power dissipated by the IC varies widely with the supply voltage, the output
current, and loading.
It is important to ensure the application does not exceed
the allowable power dissipation of the IC package.
The recommended motor
driver power dissipation versus temperature of SOT25 and LFCSP8 are depicted
as follows:
HALL
IC
LOGIC
BLOCK
+
-
POWER
FG
LOCK DETECTION
TACHO
GENERATOR
DRIVERS
VDD
GND
FG
O1
O2
Power



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com