Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS113 Datasheet(PDF) 8 Page - Silicon Touch Technology Inc.

Part # PS113
Description  3-Channel Secondary Monitoring IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS113 Datasheet(HTML) 8 Page - Silicon Touch Technology Inc.

Back Button PS113 Datasheet HTML 2Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 3Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 4Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 5Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 6Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 7Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 8Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 9Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 10Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
3-Channel Secondary Monitoring IC
Version
:A.006
PAGE 7
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
PS113
Package Specification
D
E1
E
b1
A1
e
A
θ°
0.0
0.5
1.0
inch
0
10
25
mm
15
5
20
( 8-pin DIP )
L
Seating Plane
b
eB
A2
Dimension in mm
Symbol
Dimension in inch
NOTE
A1
0.381
0.015
A2
3.175
3.302
3.429
0.125
0.13
0.135
b1
0.457
0.018
D
9.017
9.271
10.160
0.355
0.365
0.4
E1
6.223
6.376
6.528
0.245
0.251
0.257
e
2.540
0.100
L
2.921
3.302
3.810
0.115
0.13
0.150
θ°
0
7
15
0
7
15
A
5.334
0.210
E
7.366
7.620
7.874
0.290
0.300
0.310
eB
8.509
9.017
9.525
0.335
0.355
0.375
b
1.524
0.06
Min
Normal
Max
Min
Normal
Max
eB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com