Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1114P Datasheet(PDF) 5 Page - Silicon Touch Technology Inc.

Part # ST1114P
Description  Double Coil Brushless DC Motor Driver ( 1.8 to 16 Volts )
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1114P Datasheet(HTML) 5 Page - Silicon Touch Technology Inc.

  ST1114P Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1114P Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1114P Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1114P Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1114P Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1114P Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1114P Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1114E/ST1114K/ST1114P
SP-ST1114EKP-A.011
Version
:A.011
Page
:4
Truth Table
HIN
O1
O2
State
H
OFF
ON
Operation
L
ON
OFF
Operation
H/L
OFF
OFF
Lock protection
H
OFF
ON
Self restart*
L
ON
OFF
Self restart*
*The motor will be powered up by turn on output drivers for a period about 156ms
per 1.25sec (at VDD = 12V) through self-restart mechanism after the motor is
locked.
Block Diagram & Application Circuit
HALL
IC
LOGIC
BLOCK
+
-
FG
LOCK DETECTION
and PROTECTION
TACHO
GENERATOR
VDD
HIN
GND
FG
O1
O2
POWER
R1
VDD
To
Controller
Power



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com