Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6286T-E/OT Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6286T-E/OT
Description  Low Noise, Low Power Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6286T-E/OT Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6286T-E/OT Datasheet HTML 6Page - Microchip Technology MCP6286T-E/OT Datasheet HTML 7Page - Microchip Technology MCP6286T-E/OT Datasheet HTML 8Page - Microchip Technology MCP6286T-E/OT Datasheet HTML 9Page - Microchip Technology MCP6286T-E/OT Datasheet HTML 10Page - Microchip Technology MCP6286T-E/OT Datasheet HTML 11Page - Microchip Technology MCP6286T-E/OT Datasheet HTML 12Page - Microchip Technology MCP6286T-E/OT Datasheet HTML 13Page - Microchip Technology MCP6286T-E/OT Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MCP6286
DS22196A-page 10
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A = +25°C, VDD = +2.2V to +5.5V, VSS = GND, VCM = VDD/3, VOUT ≈ VDD/2,
VL = VDD/2, RL = 10 kΩ to VL and CL = 60 pF
FIGURE 2-19:
Gain Bandwidth Product,
Phase Margin vs. Common Mode Input Voltage
with VDD = 2.2V.
FIGURE 2-20:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature with
VDD = 5.5V.
FIGURE 2-21:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature with
VDD = 2.2V.
FIGURE 2-22:
Ouput Short Circuit Current
vs. Power Supply Voltage.
FIGURE 2-23:
Output Voltage Swing vs.
Frequency.
FIGURE 2-24:
Output Voltage Headroom
vs. Output Current.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-0.4
-0.1
0.2
0.5
0.8
1.1
Common Mode Input Voltage (V)
0
10
20
30
40
50
60
70
80
90
100
Phase Margin
Gain Bandwidth Product
VDD = 2.2V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
40
45
50
55
60
65
70
75
80
85
90
Gain Bandwidth Product
Phase Margin
VDD = 5.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
40
45
50
55
60
65
70
75
80
85
90
Gain Bandwidth Product
Phase Margin
VDD = 2.2V
0
5
10
15
20
25
Power Supply Voltage (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
0.1
1
10
100
1000
10000
100000
1000000
10000000
Frequency (Hz)
VDD = 2.2V
VDD = 5.5V
100
1k
10k
100k
1M
10M
1
10
100
1000
0.01
0.1
1
10
Output Current (mA)
VOL - VSS
VDD - VOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com