Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F2420-E/P Datasheet(PDF) 255 Page - Microchip Technology

Part # PIC18F2420-E/P
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2420-E/P Datasheet(HTML) 255 Page - Microchip Technology

Back Button PIC18F2420-E/P Datasheet HTML 251Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 252Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 253Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 254Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 255Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 256Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 257Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 258Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 259Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39631E-page 253
PIC18F2420/2520/4420/4520
REGISTER 23-4:
CONFIG3H: CONFIGURATION REGISTER 3 HIGH (BYTE ADDRESS 300005h)
R/P-1
U-0
U-0
U-0
U-0
R/P-0
R/P-1
R/P-1
MCLRE
—
—
—
—
LPT1OSC
PBADEN
CCP2MX
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state
bit 7
MCLRE:
MCLR Pin Enable bit
1
= MCLR pin enabled; RE3 input pin disabled
0
= RE3 input pin enabled; MCLR disabled
bit 6-3
Unimplemented:
Read as ‘0’
bit 2
LPT1OSC:
Low-Power Timer1 Oscillator Enable bit
1
= Timer1 configured for low-power operation
0
= Timer1 configured for higher power operation
bit 1
PBADEN:
PORTB A/D Enable bit
(Affects ADCON1 Reset state. ADCON1 controls PORTB<4:0> pin configuration.)
1
= PORTB<4:0> pins are configured as analog input channels on Reset
0
= PORTB<4:0> pins are configured as digital I/O on Reset
bit 0
CCP2MX:
CCP2 MUX bit
1
= CCP2 input/output is multiplexed with RC1
0
= CCP2 input/output is multiplexed with RB3
REGISTER 23-5:
CONFIG4L: CONFIGURATION REGISTER 4 LOW (BYTE ADDRESS 300006h)
R/P-1
R/P-0
U-0
U-0
U-0
R/P-1
U-0
R/P-1
DEBUG
XINST
—
—
—LVP
—STVREN
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state
bit 7
DEBUG:
Background Debugger Enable bit
1
= Background debugger disabled, RB6 and RB7 configured as general purpose I/O pins
0
= Background debugger enabled, RB6 and RB7 are dedicated to In-Circuit Debug
bit 6
XINST:
Extended Instruction Set Enable bit
1
= Instruction set extension and Indexed Addressing mode enabled
0
= Instruction set extension and Indexed Addressing mode disabled (Legacy mode)
bit 5-3
Unimplemented:
Read as ‘0’
bit 2
LVP:
Single-Supply ICSP™ Enable bit
1
= Single-Supply ICSP enabled
0
= Single-Supply ICSP disabled
bit 1
Unimplemented:
Read as ‘0’
bit 0
STVREN:
Stack Full/Underflow Reset Enable bit
1
= Stack full/underflow will cause Reset
0
= Stack full/underflow will not cause Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com