Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F2420-E/P Datasheet(PDF) 258 Page - Microchip Technology

Part # PIC18F2420-E/P
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2420-E/P Datasheet(HTML) 258 Page - Microchip Technology

Back Button PIC18F2420-E/P Datasheet HTML 254Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 255Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 256Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 257Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 258Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 259Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 260Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 261Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 262Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 412 page
background image
PIC18F2420/2520/4420/4520
DS39631E-page 256
© 2008 Microchip Technology Inc.
REGISTER 23-10: CONFIG7L: CONFIGURATION REGISTER 7 LOW (BYTE ADDRESS 30000Ch)
U-0
U-0
U-0
U-0
R/C-1
R/C-1
R/C-1
R/C-1
—
—
—
—
EBTR3(1)
EBTR2(1)
EBTR1
EBTR0
bit 7
bit 0
Legend:
R = Readable bit
C = Clearable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state
bit 7-4
Unimplemented:
Read as ‘0’
bit 3
EBTR3:
Table Read Protection bit(1)
1
= Block 3 (006000-007FFFh) not protected from table reads executed in other blocks
0
= Block 3 (006000-007FFFh) protected from table reads executed in other blocks
bit 2
EBTR2:
Table Read Protection bit(1)
1
= Block 2 (004000-005FFFh) not protected from table reads executed in other blocks
0
= Block 2 (004000-005FFFh) protected from table reads executed in other blocks
bit 1
EBTR1:
Table Read Protection bit
1
= Block 1 (002000-003FFFh) not protected from table reads executed in other blocks
0
= Block 1 (002000-003FFFh) protected from table reads executed in other blocks
bit 0
EBTR0:
Table Read Protection bit
1
= Block 0 (000800-001FFFh) not protected from table reads executed in other blocks
0
= Block 0 (000800-001FFFh) protected from table reads executed in other blocks
Note 1:
Unimplemented in PIC18F2420/4420 devices; maintain this bit set.
REGISTER 23-11: CONFIG7H: CONFIGURATION REGISTER 7 HIGH (BYTE ADDRESS 30000Dh)
U-0
R/C-1
U-0
U-0
U-0
U-0
U-0
U-0
—
EBTRB
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
C = Clearable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state
bit 7
Unimplemented:
Read as ‘0’
bit 6
EBTRB:
Boot Block Table Read Protection bit
1
= Boot block (000000-0007FFh) not protected from table reads executed in other blocks
0
= Boot block (000000-0007FFh) protected from table reads executed in other blocks
bit 5-0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com