Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3789 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3789
Description  BNC Male To Minigrabber Test Clip Breakout
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3789 Datasheet(HTML) 1 Page - Pomona Electronics

  3789 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 3789
BNC Male To Minigrabber
Test Clip Breakout
Sales: 800-490-2361 Fax: 888-403-3360 Technical Assistance: 800-241-2060
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Page 1 of 1
Rev: 100
D1094107
FEATURES:
• Minigrabber® test clip hooks attach to terminal sizes up to .060” diameter
• Converts BNC (Female) jacks to Minigrabber test clips for test versatility
• BNC connector and Minigrabber test clip caps are molded directly onto the wire for pull strength
durability and dust and moisture resistance
• Grabber hook and BNC center contact are Gold-plated Beryllium Copper for optimum strength,
excellent corrosion resistance and low contact resistance to ensure test signal integrity
• Schematic: Black Minigrabber test clip to BNC shell, red Minigrabber test clip to BNC center contact
MATERIALS:
BNC: Nickel plated brass
Center Contact: Gold-plated brass
Insulation: polypropylene molded to BNC and wire
Wire: 20 AWG, PVC
Marking: “POMONA 3789”
Minigrabber® test clip:
Contact: Gold-plated Beryllium Copper,
Insulation: Glass filled nylon, color: red and black
Marking: “Pomona Electronics”, “Minigrabber
®”
RATINGS:
Operating Temperature: +55°C (+131°F) Max.
Operating Voltage: Hand-held testing: 30VAC/60VDC Max.
Hands free testing in controlled voltage environments: 300VRMS Max.
ORDERING INFORMATION: Model 3789
*Custom lengths are available, contact Pomona Technical support: 800-241-2060 (Technicalsupport@pomonatest.com)


Similar Part No. - 3789

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3789 ETC2-3789 Datasheet
255Kb / 2P
PRODUCT SPECIFICATION
logo
3M Electronics
3789 3M-3789 Datasheet
340Kb / 3P
3M Hot Melt Adhesive
3789 3M-3789 Datasheet
340Kb / 3P
3M Hot Melt Adhesive
logo
Adafruit Industries
3789 ADAFRUIT-3789 Datasheet
857Kb / 2P
TT Motor Pulley - 36mm Diameter
5-31-18
logo
QuWireless
3789-APLM4-H-ND QUWIRELESS-3789-APLM4-H-ND Datasheet
2Mb / 5P
QuPanel LTE HP MIMO 4x4
More results

Similar Description - 3789

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3788 POMONA-3788 Datasheet
30Kb / 1P
BNC Female to Minigrabber Test Clip Breakout
2886 POMONA-2886 Datasheet
24Kb / 1P
Breakout: BNC (Male) To Minigator Test Clips
3780 POMONA-3780 Datasheet
23Kb / 1P
Minigrabber Test Clip, One End Only
3781 POMONA-3781 Datasheet
28Kb / 1P
Minigrabber Test Clip Patch Cord
3782 POMONA-3782 Datasheet
57Kb / 1P
Minigrabber Test Clip To Stacking Banana Plug
3784 POMONA-3784 Datasheet
31Kb / 1P
Minigrabber Test Clip To Stacking Miniature Banana Plug
4650 POMONA-4650 Datasheet
21Kb / 1P
Minigrabber Test Clip To In-Line Banana Plug
4826 POMONA-4826 Datasheet
27Kb / 1P
Minigrabber Test Clip With Pin Jack
5187 POMONA-5187 Datasheet
34Kb / 1P
BNC (Male) With Molded Strain Relief To Minigrabber Test Clips
logo
List of Unclassifed Man...
BU-5114-A-4-0 ETC2-BU-5114-A-4-0 Datasheet
89Kb / 1P
BNC Male Breakout to Mini Micro Clip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com