Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7035 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 7035
Description  BNC (M) 50 廓 Crimp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

7035 Datasheet(HTML) 1 Page - Pomona Electronics

  7035 Datasheet HTML 1Page - Pomona Electronics 7035 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Model 7035
BNC (M) 50 Ω Crimp, 55A, 142, 142A, 223, 400
Model 7035 BNC (M) 50 Ω CRIMP
USA: Sales: 800-490-2361 Technical Support: 800-241-
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
Use for your 50 Ω coaxial cable
assembly applications.
Features
•
Designed for common cable groups (see table on
page 2 for cable types and crimp die information).
•
Precision machined.
•
Gold plated (15 micro–inches) contacts.
•
Insulation material is PTFE (not delrin).
Materials
•
Body is machined brass with tarnish resistant
nickel plating.
•
Male center pin contacts are gold plated (15
micro-inches) brass.
•
Body made from precision machined high quality
brass (not die cast).
•
High quality machined PTFE dielectric.
Ordering Information
Model: 7035, BNC(M) Crimp 55A,142,142A,223,400.
Specifications
Nominal impedance
50 Ω
Frequency
0-4 GHz
VSWR
1.30 max. 0-4 GHz
Center / Outer contact
resistance
1.5 / 1.0 mΩ
Number of insertions
500
Insulation resistance
5000 MΩ (min)
Dielectric withstand voltage
1500 Vrms
Ratings: Voltage: 500 Vrms
Operating temperature: -85 ˚F to +131 ˚F (-65 ˚C to
+155 ˚C) Max.
2060 Fax: 888-403-3360
Europe: 31-(0) 40 2675 150
International: 425-446-5500
e-mail: technicalsupport@pomonatest.com
Where to Buy: www.pomonaelectronics.com
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
Copyright © 2004 10/2004 2401725 D-ENG-N Rev A
Page 1 of 2


Similar Part No. - 7035

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7035 ETC2-7035 Datasheet
327Kb / 1P
LED SPACER MOUNTS
7035 ETC2-7035 Datasheet
338Kb / 1P
LED SPACER MOUNTS
7035 ETC2-7035 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
Alpha Wire
7035 ALPHAWIRE-7035 Datasheet
106Kb / 4P
Customer Specification
logo
Keystone Electronics Co...
7035 KEYSTONE-7035 Datasheet
315Kb / 1P
LED SPACER MOUNTS
31-07 20th
More results

Similar Description - 7035

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6737 POMONA-6737 Datasheet
217Kb / 1P
75 廓 BNC Adapters BNC (F/F), BNC (F/F/F)-T, BNC (F/M/F)-T, BNC (M/M)
7042 POMONA-7042 Datasheet
264Kb / 2P
BNC (M) Crimp 75 廓
7073 POMONA-7073 Datasheet
205Kb / 1P
BNC (F) Straight PCB Mount 50 廓
7040 POMONA-7040 Datasheet
254Kb / 2P
BNC (M) Crimp 50 廓
6746A POMONA-6746A Datasheet
234Kb / 2P
BNC (M) Compression Style, 75 廓
6752A POMONA-6752A Datasheet
234Kb / 2P
BNC (M) Crimp Type, 75 廓
7207 POMONA-7207 Datasheet
227Kb / 2P
BNC (M) 50 廓
5286 POMONA-5286 Datasheet
36Kb / 1P
Connector BNC (M), Crimp, RG 59
logo
Tyco Electronics
1-1337426-0 MACOM-1-1337426-0 Datasheet
98Kb / 1P
BNC STRAIGHT PLUG CRIMP 50 OHM
logo
Rosenberger Hochfrequen...
53S171-K00N3 ROSENBERGER-53S171-K00N3 Datasheet
178Kb / 2P
MATCHING ATTENUATOR N 50廓 PLUG ??BNC 75廓 JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com