Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF310 Datasheet(PDF) 1 Page - auris-GmbH

Part # HF310
Description  Quartz THT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AURIS [auris-GmbH]
Direct Link  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH

HF310 Datasheet(HTML) 1 Page - auris-GmbH

  HF310 Datasheet HTML 1Page - auris-GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.2
Quartz THT
Drawing
HF26 / HF38 / HF39 / HF310
Dimensions in mm
Holder
W
L
W1
HF26
2,1
6,2
0,7
HF38
3,1
8,3
0,8
HF39
3,1
9,3
1,1
HF310
3,1
10,3
1,1
Features:
- Wide frequency range
- Low cost to performance
- Excellent for clock frequency generation
- Very low profile
HF26
HF38
HF39
HF310
Resistance of series resonance (ESR)
Frequency (MHz)
Mode
Ohm max
Frequency (MHz)
Mode
Ohm max
4.0 <= f < 6.0
Fundamental
300
3.0 <= f < 4.0
Fundamental
180
6.0 <= f < 10.0
Fundamental
200
4.0 <= f < 6.0
Fundamental
150
10.0 <= f < 31.0
Fundamental
100
6.0 <= f < 10.0
Fundamental
100
31.0 <= f < 50.0
3rd OT
80
10.0 <= f < 31.0
Fundamental
60
31.0 <= f < 50.0
3rd OT
80
HF38, HF39, HF310
HF26
Order key
Q
- 28.000000M - HF26
- F
- 30
- 50
- D
- 30
- X
Part
Frequency
Package
Mode of
Frequency
Temperature
Temperature
Load
Option
oscillation
tolerance
tolerance
range
capacitance
Q=Quartz
M=MHz
HF26
F=fund.
±ppm
±ppm
A=
0°C ~ +70°C
pF
MJ=Metal jacket
HF38
3=3.OT
(25°C)
(Temp. range)
B= -10°C ~ +60°C
SR=series
X=Special options
HF39
C= -10°C ~ +70°C
HF310
D= -20°C ~ +70°C
E= -40°C ~ +85°C
H= -20°C ~ +80°C
I = -10°C ~ +50°C
auris-GmbH office@auris-gmbh.de www.auris-gmbh.de
All specifications are subject to change without notice.
Specifications
Symbol
HF26
HF38/HF39/HF310
Frequency range
f
4.000MHz ~ 30.000MHz
3.000MHz ~ 30.000MHz
30.001MHz ~ 50.000MHz
30.001MHz ~ 50.000MHz
Frequency tolerance,Ta=25°C
Äf/f
Load capacitance
CL
Temperature tolerance
Äf/f
Temperature range
Storage temperature
TSTG
Operating temperature
TOPR
Drive level
Maximum drive level
MDL
Recommended drive level
RDL
Series resistance
R1
Shunt capacitance
C0
Insulation resistance
IR
Aging
ÄfA
25°C ±3°C
Max
Remarks
Fundamental mode
3rd overtone mode
Please specify
As per table
5pF
Please specify
Please specify
10ìW ~ 100ìW
Others are offered
±10ppm ~ ±50ppm
-40°C ~ +85°C
-20°C ~ +70°C (Std.)
-
±10ppm ~ ±50ppm
10pF ~ 50pF or series
500M Ohm
±5ppm/Year
Min
Max


Similar Part No. - HF310

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
HF310 AURIS-HF310 Datasheet
119Kb / 1P
Quartz THT
logo
Soshin electric Co., Lt...
HF31000C-SJB SOSHIN-HF31000C-SJB Datasheet
331Kb / 4P
3-phase 3-line 500VAC
HF3100A-TM SOSHIN-HF3100A-TM Datasheet
303Kb / 4P
3-phase 3-line 250VAC
HF3100A-TM SOSHIN-HF3100A-TM Datasheet
299Kb / 5P
3 Phase & 3 lines 250VAC
HF3100A-TMA SOSHIN-HF3100A-TMA Datasheet
193Kb / 4P
3-phase 3-line 250VAC
More results

Similar Description - HF310

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
HC49U AURIS-HC49U Datasheet
72Kb / 1P
Quartz THT
HC49US AURIS-HC49US Datasheet
161Kb / 1P
Quartz THT
HF39 AURIS-HF39 Datasheet
119Kb / 1P
Quartz THT
TC38 AURIS-TC38 Datasheet
285Kb / 1P
Quartz THT
UM1 AURIS-UM1 Datasheet
80Kb / 1P
Quartz THT
HC49U AURIS-HC49U_1 Datasheet
63Kb / 1P
Quartz THT
HC49US AURIS-HC49US_1 Datasheet
498Kb / 1P
Quartz THT
logo
PETERMANN-TECHNIK
JYR15 PETERMANN-JYR15 Datasheet
673Kb / 2P
THT QUARTZ CRYSTAL SERIES JYR
JYR26 PETERMANN-JYR26 Datasheet
673Kb / 2P
THT QUARTZ CRYSTAL SERIES JYR
TB310 PETERMANN-TB310 Datasheet
689Kb / 2P
THT QUARTZ CRYSTAL SERIES TB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com