Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM7SH14XB Datasheet(PDF) 2 Page - ELM Technology Corporation

Part # ELM7SH14XB
Description  HIGH SPEED CMOS LOGIC IC Schmitt Inverter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM7SH14XB Datasheet(HTML) 2 Page - ELM Technology Corporation

  ELM7SH14XB Datasheet HTML 1Page - ELM Technology Corporation ELM7SH14XB Datasheet HTML 2Page - ELM Technology Corporation ELM7SH14XB Datasheet HTML 3Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■Pin configuration
TOP VIEW
■DC electrical characteristics
■Suggested operating condition
Parameter
Symbol
Limit
Unit
Power voltage
Vdd
2.0~5.5
V
Input voltage
Vin
0~5.5
V
Output voltage
Vout
0~Vdd
V
Operating temperature
Top
-40~+85
℃
High-input down-time
tr, tf
Vdd=3.3±0.3V
0~200
ns
Vdd=5.0±0.5V
0~100
Pin No.
Pin name
1
NC
2
INY
3
GND
4
OUTX
5
VDD
Input
Output
INY
OUTX
Low
High
High
Low
Parameter
Sym.
Vdd
Top=25℃
Top=-40~+85℃
Unit
Condition
Min.
Typ.
Max.
Min.
Max.
Threshold
voltage
Vt+
3.0
2.20
2.20
V
4.5
3.15
3.15
5.5
3.85
3.85
Vt-
3.0
0.90
0.90
V
4.5
1.35
1.35
5.5
1.65
1.65
Hysteresis
voltage
Vh
3.0
0.25
1.20
0.25
1.20
V
4.5
0.30
1.40
0.30
1.40
5.5
0.35
1.60
0.35
1.60
Output
voltage
Voh
2.0
1.90
2.00
1.90
V
Vin=Vil
Ioh=-50μA
3.0
2.90
3.00
2.90
4.5
4.40
4.50
4.40
3.0
2.58
2.48
Ioh=-4mA
4.5
3.94
3.80
Ioh=-8mA
Vol
2.0
0.10
0.10
V
Vin=Vih
Iol=50μA
3.0
0.10
0.10
4.5
0.10
0.10
3.0
0.36
0.44
Iol=4mA
4.5
0.36
0.44
Iol=8mA
Input current
Iin
5.5
-0.1
0.1
-1.0
1.0
μA
Vin=Vdd or GND
Static current
Idd
5.5
1.0
10.0
μA
Vin=Vdd or GND
HIGH SPEED CMOS LOGIC IC
ELM7SH14xB Schmitt Inverter



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com