Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # ST10
Description  Encapsulated DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ST10 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ST10 Datasheet HTML 1Page - Arch Electronics Corp. ST10 Datasheet HTML 2Page - Arch Electronics Corp. ST10 Datasheet HTML 3Page - Arch Electronics Corp. ST10 Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VER : B_1
update : 98.04.09
Encapsulated DC-DC Converter
ST10 SERIES
10 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No. ( Single Output )
ST10-12-3.3S
ST10-12-5S
ST10-12-12S
ST10-12-15S
ST10-12-24S
Input Voltage (V.DC.)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
Output Voltage (V.DC.)
3.3V / 2000mA
5V / 2000mA
12V / 830mA
15V / 670mA
24V / 420mA
Efficiency
74%
80%
81%
82%
81%
Model No. ( Single Output )
ST10-24-3.3S
ST10-24-5S
ST10-24-12S
ST10-24-15S
ST10-24-24S
Input Voltage (V.DC.)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Output Voltage (V.DC.)
3.3V / 2000mA
5V / 2000mA
12V / 830mA
15V / 670mA
24V / 420mA
Efficiency
74%
81%
84%
85%
84%
Model No. ( Single Output )
ST10-24F-3.3S
ST10-24F-5S
ST10-24F-12S
ST10-24F-15S
Input Voltage (V.DC.)
24V (10-40V)
24V (10-40V)
24V (10-40V)
24V (10-40V)
Output Voltage (V.DC.)
3.3V / 2000mA
5V / 2000mA
12V / 830mA
15V / 670mA
Efficiency
67%
75%
75%
75%
Model No. ( Single Output )
ST10-48-3.3S
ST10-48-5S
ST10-48-12S
ST10-48-15S
ST10-48-24S
Input Voltage (V.DC.)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Output Voltage (V.DC.)
3.3V / 2000mA
5V / 2000mA
12V / 830mA
15V / 670mA
24V / 420mA
Efficiency
76%
81%
84%
84%
84%
Model No. ( Single Output )
ST10-48F-3.3S
ST10-48F-5S
ST10-48F-12S
ST10-48F-15S
Input Voltage (V.DC.)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
Output Voltage (V.DC.)
3.3V / 2000mA
5V / 2000mA
12V / 830mA
15V / 670mA
Efficiency
66%
75%
77%
75%
Model No. ( Dual Output )
ST10-24F-5D
ST10-24F-12D
ST10-24F-15D
Input Voltage (V.DC.)
24V (10-40V)
24V (10-40V)
24V (10-40V)
Output Voltage (V.DC.)
±5V / ±1000mA
±12 / ±415mA
±15 / ±333mA
Efficiency
75%
75%
75%
Model No. ( Dual Output )
ST10-48F-5D
ST10-48F-12D
ST10-48F-15D
Input Voltage (V.DC.)
48V (18-75V)
48V (18-75V)
48V (18-75V)
Output Voltage (V.DC.)
±5V / ±1000mA
±12 / ±415mA
±15 / ±333mA
Efficiency
75%
77%
77%
KEY FEATURES
Power Module for PCB Mountable
2:1 & 4:1 Wide Input Range
Regulated Output
Low Ripple and Noise
Screw Terminal For Optional
Remote ON/OFF Control (Optional)
Standard 2” x 1” Package and Pinout
CE, UL
Approval
2 Years Product Warranty


Similar Part No. - ST10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10 STMICROELECTRONICS-ST10 Datasheet
433Kb / 65P
16-BIT MCU WITH 32K BYTE ROM
Aug-1999
ST10 STMICROELECTRONICS-ST10 Datasheet
368Kb / 58P
16-BIT MCU WITH 128KBYTE FLASH MEMORY
Apr-1999
logo
Astrodyne Corporation
ST10 ASTRODYNE-ST10 Datasheet
849Kb / 3P
Isolated and Regulated 10 Watt Modular DC/DC Converters
logo
AVX Corporation
ST10 AVX-ST10 Datasheet
146Kb / 2P
Mini-TurboCapTM Small Footprint, High Volumetric Efficiency, High-CV SMPS Capacitors
logo
Japan Aviation Electron...
ST10 JAE-ST10 Datasheet
377Kb / 4P
microSDTM Small Memory Card Connector
More results

Similar Description - ST10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
Encapsulated DC-DC Converter
logo
Arch Electronics Corp.
NI20 ARCH-NI20 Datasheet
96Kb / 2P
Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
Encapsulated DC-DC Converter
SB03 ARCH-SB03 Datasheet
110Kb / 2P
Encapsulated DC-DC Converter
SB08 ARCH-SB08 Datasheet
120Kb / 3P
Encapsulated DC-DC Converter
ST20 ARCH-ST20 Datasheet
152Kb / 3P
Encapsulated DC-DC Converter
ST30 ARCH-ST30 Datasheet
192Kb / 4P
Encapsulated DC-DC Converter
SU20 ARCH-SU20 Datasheet
222Kb / 4P
Encapsulated DC-DC Converter
ZB15 ARCH-ZB15 Datasheet
106Kb / 3P
Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5_16 Datasheet
136Kb / 2P
Encapsulated DC - DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com