Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDJ1108BASE Datasheet(PDF) 39 Page - Elpida Memory

Part # EDJ1108BASE
Description  1G bits DDR3 SDRAM
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ1108BASE Datasheet(HTML) 39 Page - Elpida Memory

Back Button EDJ1108BASE Datasheet HTML 35Page - Elpida Memory EDJ1108BASE Datasheet HTML 36Page - Elpida Memory EDJ1108BASE Datasheet HTML 37Page - Elpida Memory EDJ1108BASE Datasheet HTML 38Page - Elpida Memory EDJ1108BASE Datasheet HTML 39Page - Elpida Memory EDJ1108BASE Datasheet HTML 40Page - Elpida Memory EDJ1108BASE Datasheet HTML 41Page - Elpida Memory EDJ1108BASE Datasheet HTML 42Page - Elpida Memory EDJ1108BASE Datasheet HTML 43Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 148 page
background image
EDJ1104BASE, EDJ1108BASE, EDJ1116BASE
Data Sheet E1128E60 (Ver. 6.0)
39
3FF
/CK
CK
T0
T2
T4
T6
T8
T10
T1
T3
T5
T7
T9
T11
T12
Address
(A0 to A9)
Address
(A10)
DQ
0 to 7
DM
000
Command
0 to 2
000
11
Address
(A11 to A12)
00
00
11
BA
0 to 2
/CS
/RAS
/CAS
/WE
L
D
READ
D
/D
/D
READ
D/D
/D
/D
/D
READ
D
READ
Start of measurement loop
3FF
1
0
2
3
00 FF FF
00 FF FF 00 00 FF FF 00
00 00 FF FF 00
IDD4R Example* (DDR3-800-555, 512Mb
×8)
Note: Data DQ is shown but the output buffer should be switched off (per MR1 bit A12 = 1) to achieve IOUT = 0mA.
Address inputs are split into 3 parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com