Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDL1216CFBJ Datasheet(PDF) 21 Page - Elpida Memory

Part # EDL1216CFBJ
Description  128M bits Mobile RAM?
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDL1216CFBJ Datasheet(HTML) 21 Page - Elpida Memory

Back Button EDL1216CFBJ Datasheet HTML 17Page - Elpida Memory EDL1216CFBJ Datasheet HTML 18Page - Elpida Memory EDL1216CFBJ Datasheet HTML 19Page - Elpida Memory EDL1216CFBJ Datasheet HTML 20Page - Elpida Memory EDL1216CFBJ Datasheet HTML 21Page - Elpida Memory EDL1216CFBJ Datasheet HTML 22Page - Elpida Memory EDL1216CFBJ Datasheet HTML 23Page - Elpida Memory EDL1216CFBJ Datasheet HTML 24Page - Elpida Memory EDL1216CFBJ Datasheet HTML 25Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
EDL1216CFBJ
Preliminary Data Sheet E1137E51 (Ver. 5.1)
21
Initialization
The synchronous DRAM is initialized in the power-on sequence according to the following.
(1) To stabilize internal circuits, when power is applied, a 200
µs or longer pause must precede any signal toggling.
VDD should be turned on simultaneously or before VDDQ.
(2) After the pause, all banks must be precharged using the Precharge command (The Precharge all banks
command is convenient).
(3) Once the precharge is completed and the minimum tRP is satisfied, two or more Auto refresh must be performed.
(4) The mode register must be programmed and the extended mode register should be programmed. After the
mode register set cycle or the extended mode register set cycle, tRSC (2 CLK minimum) pause must be satisfied.
Remarks:
1 The sequence of Auto refresh, mode register programming and extended mode register programming above may
be transposed.
2 CKE and DQM must be held high until the Precharge command is issued to ensure data-bus High-Z.
Programming Mode Registers
The mode register and extended mode register are programmed by the Mode register set command and Extended
mode register command, respectively using address bits A11 through A0, BA0 and BA1 as data inputs. The
registers retain data until they are re-programmed or the device loses power.
Mode register
The mode register has four fields;
Reserved
:
A11 through A7
/CAS latency
:
A6 through A4
Wrap type
:
A3
Burst length
:
A2 through A0
Following mode register programming, no command can be issued before at least 2 CLK have elapsed.
/CAS Latency
/CAS latency is the most critical of the parameters being set. It tells the device how many clocks must elapse before
the data will be available. The value is determined by the frequency of the clock and the speed grade of the device.
Burst Length
Burst Length is the number of words that will be output or input in a read or write cycle. After a read burst is
completed, the output bus will become High-Z. The burst length is programmable as 1, 2, 4, 8 or full page.
Wrap Type (Burst Sequence)
The wrap type specifies the order in which the burst data will be addressed. This order is programmable as either
“Sequential” or “Interleave”. The method chosen will depend on the type of CPU in the system.
Some microprocessor cache systems are optimized for sequential addressing and others for interleaved addressing.
“Burst Length Sequence” shows the addressing sequence for each burst length using them. Both sequences
support bursts of 1, 2, 4 and 8. Additionally, sequence supports the full page length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com