Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC12M Datasheet(PDF) 2 Page - Motorola, Inc

Part # MAC12M
Description  TRIACS 12 AMPERES RMS 400 thru 800 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC12M Datasheet(HTML) 2 Page - Motorola, Inc

  MAC12M Datasheet HTML 1Page - Motorola, Inc MAC12M Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MAC12 SERIES
3–54
Motorola Thyristor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
Peak On-State Voltage* (ITM = ±17 A)
VTM
—
—
1.85
Volts
Continuous Gate Trigger Current (VD = 12 V, RL = 100 Ω)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
IGT
5.0
5.0
5.0
13
16
18
35
35
35
mA
Hold Current (VD = 12 V, Gate Open, Initiating Current = ±150 mA)
IH
—
20
40
mA
Latch Current (VD = 24 V, IG = 35 mA)
MT2(+), G(+); MT2(–), G(–)
MT2(+), G(–)
IL
—
—
20
30
50
80
mA
Gate Trigger Voltage (VD = 12 V, RL = 100 Ω)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
VGT
0.5
0.5
0.5
0.69
0.77
0.72
1.5
1.5
1.5
Volts
DYNAMIC CHARACTERISTICS
Rate of Change of Commutating Current*
(VD = 400 V, ITM =4.4A, Commutating dv/dt = 18 V/µs, Gate Open,
TJ = 125°C, f = 250 Hz, No Snubber)
(dv/dt)c
6.5
—
—
A/ms
Critical Rate of Rise of Off–State Voltage
(VD = Rated VDRM, Exponential Waveform, Gate Open, TJ = 125°C)
dv/dt
250
—
—
V/
µs
*Indicates Pulse Test: Pulse Width
≤ 2.0 ms, Duty Cycle ≤ 2%.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com