Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB985 Datasheet(PDF) 2 Page - Weitron Technology

Part # 2SB985
Description  PNP General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SB985 Datasheet(HTML) 2 Page - Weitron Technology

  2SB985 Datasheet HTML 1Page - Weitron Technology 2SB985 Datasheet HTML 2Page - Weitron Technology 2SB985 Datasheet HTML 3Page - Weitron Technology 2SB985 Datasheet HTML 4Page - Weitron Technology 2SB985 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
19-Feb-09
WEITRON
http://www.weitron.com.tw
2SB985
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-10μA, IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA, IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10μA, IC=0
-6
V
Collector cut-off current
ICBO
VCB=-40V, IE=0
-1
μA
Emitter cut-off current
IEBO
VEB=-4V, IC=0
-1
μA
hFE(1)
VCE=-2V, IC=-100mA
100
560
DC current gain
hFE(2)
VCE=-2V, IC=-3A
40
Collector-emitter saturation voltage
VCE(sat)
IC=-2A, IB=-100mA
-0.7
V
Base-emitter saturation voltage
VBE(sat)
IC=-2A, IB=-100mA
-1.2
V
Transition frequency
fT
VCE=-10V, IC=-50mA
150
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
39
pF
CLASSIFICATION OF
hFE(1)
Rank
R
S
T
U
Range
100-200
140-280
200-400
280-560



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com