Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8810 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8810
Description  Eight Channel ActivePath??Power Management IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8810 Datasheet HTML 1Page - Active-Semi, Inc ACT8810 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
Product Brief, 12-Mar-09
Advanced Information―All Information Subject to Change
Eight Channel ActivePath
TM Power Management IC
SYSTEM BLOCK DIAGRAM
OUT4
0.9V to 3.3V
Up to 360mA
OUT3
Adjustable, or
0.8V to 4.4V
Up to 0.55A
System
Control
OUT1
Adjustable, or
0.8V to 4.4V
Up to 1.3A
OUT5
0.9V to 3.3V
Up to 360mA
nIRQ
ON1
ON3
nPBIN
ActivePath
TM
&
Single-Cell Li+
Battery Charger
Battery
Programmable
Up to 1A
VSYS
CHG_IN
CHGLEV
DCCC
OUT2
Adjustable, or
0.8V to 4.4V
Up to 1.0A
nSTAT0
ACIN
nRSTO
SCL
SDA
VSEL
ISET
OUT6
0.9V to 3.3V
Up to 30mA
REG6
RTC_LDO
ACT8810
TM
PMU
PMU
Active
REG1
Step-Down
DC/DC
REG2
Step-Down
DC/DC
REG3
Step-Down
DC/DC
REG4
LDO
REG5
LDO
ON2
nSTAT1
TH
BTR
Pb
Pb-free
FEATURES
Eight Functions Integrated Into One Package:
 ActivePathTM Li+ Charger and System Power
Selection
 1.3A High Efficiency Step-Down DC/DC
 1.0A High Efficiency Step-Down DC/DC
 0.55A High Efficiency Step-Down DC/DC
 360mA Low Noise, High PSRR LDOs
 360mA Low Noise, High PSRR LDOs
 30mA RTC LDO / Backup Battery Charger
I2CTM Serial Interface
Minimal External Components
Compatible with USB or AC-Adapter Charging
5mm × 5mm, Thin-QFN (TQFN55-40) Package
 Only 0.75mm Height, RoHS Compliant
APPLICATIONS
Personal Navigation Devices
Portable Media Players
Smart Phones
GENERAL DESCRIPTION
The patent-pending ACT8810 is a complete, cost effect
tive, highly-efficient ActivePMU
TM power management
solution that is ideal for a wide range of high performance
portable handheld applications such as personal
navigation devices (PNDs). This device integrates the
ActivePath
TM
complete
battery
charging
and
management system with six power supply channels.
The ActivePath architecture automatically selects the
best available input supply for the system. If the
external input source is not present or the system load
current is more than the input source can provide, the
ActivePath supplies additional current from the battery
to the system. The charger is a complete, thermally-
regulated, stand-alone single-cell linear Li+ charger
that incorporates an internal power MOSFET.
REG1, REG2, and REG3 are three independent,
fixed-frequency, current-mode step-down DC/DC
converters that output 1.3A, 1.0A, and 0.55A,
respectively. REG4 and REG5 are high performance,
low-noise, low-dropout linear regulators that output
up to 360mA each. REG6 is a RTC LDO that
outputs up to 30mA for a real time clock. Finally, an
I
2C serial interface provides programmability for the
DC/DC converters and LDOs.
Tiny 5mm × 5mm 40-pin Thin-QFN package that is
just 0.75mm thin.


Similar Part No. - ACT8810

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8810 ACTIVE-SEMI-ACT8810 Datasheet
889Kb / 52P
Eight Channel ActivePathTM Power Management IC
Rev 4, 01-Oct-09
ACT8810 ACTIVE-SEMI-ACT8810 Datasheet
760Kb / 53P
Eight Channel ActivePath??Power Management IC
Rev 8, 08-Oct-10
ACT8810 ACTIVE-SEMI-ACT8810 Datasheet
768Kb / 53P
Eight Channel ActivePath Power Management IC
Rev 9, 15-Nov-12
ACT8810 ACTIVE-SEMI-ACT8810 Datasheet
766Kb / 54P
Eight Channel ActivePathTM Power Management IC
Rev 9, 15-Nov-12
ACT8810QJ1C1-T ACTIVE-SEMI-ACT8810QJ1C1-T Datasheet
889Kb / 52P
Eight Channel ActivePathTM Power Management IC
Rev 4, 01-Oct-09
More results

Similar Description - ACT8810

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Active-Semi, Inc
ACT8828 ACTIVE-SEMI-ACT8828 Datasheet
141Kb / 2P
Six Channel ActivePath??Power Management IC
12-Mar-09
ACT8935 ACTIVE-SEMI-ACT8935 Datasheet
165Kb / 2P
Nine Channel ActivePath??Power Management IC
24-Sep-09
ACT8810 ACTIVE-SEMI-ACT8810_09 Datasheet
889Kb / 52P
Eight Channel ActivePathTM Power Management IC
Rev 4, 01-Oct-09
ACT8810 ACTIVE-SEMI-ACT8810_10 Datasheet
760Kb / 53P
Eight Channel ActivePath??Power Management IC
Rev 8, 08-Oct-10
ACT8810 ACTIVE-SEMI-ACT8810_12 Datasheet
768Kb / 53P
Eight Channel ActivePath Power Management IC
Rev 9, 15-Nov-12
ACT8828 ACTIVE-SEMI-ACT8828_12 Datasheet
720Kb / 50P
Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
ACT8810 ACTIVE-SEMI-ACT8810_14 Datasheet
766Kb / 54P
Eight Channel ActivePathTM Power Management IC
Rev 9, 15-Nov-12
ACT8828 ACTIVE-SEMI-ACT8828_14 Datasheet
719Kb / 51P
Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com