Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8828 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT8828
Description  Six Channel ActivePath??Power Management IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8828 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT8828 Datasheet HTML 1Page - Active-Semi, Inc ACT8828 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACT8828
Product Brief, 12-Mar-09
Active-Semi
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
PRODUCT OPTIONS
FUNCTIONAL BLOCK DIAGRAM
: Output voltage options detailed in this table represent standard voltage options, and are available for samples or production orders.
Contact Active-Semi for more information regarding semi-custom output voltage combinations.
: Contact factory for additional available products or custom requirements.
Block
Function
Output Voltage
Capability
ActivePath
System Power Selection
4.6V
Up to 2.4A
CHGR
Battery Charger
4.20V (4.10V to 4.30V available)
Programmable up to 1A
REG1
Step-Down DC/DC
Adjustable, or 0.8V to 4.4V
1.3A
REG2
Step-Down DC/DC
1.0A
REG3
Step-Down DC/DC
0.55A
REG4
Step-Up DC/DC
Up to 30V
Up to 7s × 3p WLEDs
ON2
nPBIN
PUSH BUTTON
nIRQ
ON3
VSYS
ON4
Reference
ACT8828
ON1
REFBP
Charge
Control
CHG_IN
BAT
CURRENT SENSE
VOLTAGE SENSE
nSTAT
CHARGE STATUS
Up to 12V
ACIN
AC Adaptor
USB
Li+ Battery
BODY
SWITCH
SDA
SCL
nRSTO
DCCC
ActivePath
Control
VSEL
ISET
System Supply
VSYS
BODY
SWITCH
2.9V
PRE-
CONDITION
110°C
THERMAL
REGULATION
GA
VP3
GP3
SW3
OUT3
OUT3
To VSYS
VP2
GP2
SW2
OUT2
OUT2
To VSYS
(Optional)
VSYS
7s × 3p
WLEDs
GP4
SW4
To VSYS
OUT4
FB4
OVP4
VP1
GP1
SW1
OUT1
OUT1
To VSYS
+
TH
BTR
System
Control
CHGLEV
VSYS
EP
OUT1
OUT1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com