Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8796 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8796
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8796 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8796_08 Datasheet HTML 1Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 2Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 3Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 4Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 5Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 6Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 7Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 8Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
Rev1, 10-Oct-08
Six Channel Integrated Power Management IC
for Handheld Portable Equipment
ACT8796
Pb-free
SYSTEM BLOCK DIAGRAM
FEATURES
• Multiple Patents Pending
• Six Integrated Regulators
− 750mA PWM Step-Down DC/DC
− 750mA PWM Step-Down DC/DC
− 550mA PWM Step-Down DC/DC
− 250mA Low Noise LDO
− 250mA Low Noise LDO
− 250mA Low Noise LDO
• I2CTM Compatible Serial Interface
− Programmable Output Voltages
− Configurable Operating Modes
• Minimal External Components
• 4x4mm, Thin-QFN (TQFN44-24) Package
− Only 0.75mm Height
− RoHS Compliant
APPLICATIONS
• Portable Devices and PDAs
• Wireless Handhelds
• DMB Enabled Devices
• GPS Receivers, etc.
GENERAL DESCRIPTION
The patent-pending ACT8796 is a complete, cost-
effective, highly-efficient ActivePMUTM power man-
agement solution that is ideal for a wide range of
portable handheld equipment. This device inte-
grates three step-down DC/DC converters and
three low dropout linear regulators (LDOs) into a
single, thin, space-saving package. An I2C Serial
Interface provides programmability for the DC/DC
converters and LDOs.
REG1, REG2 and REG3 are fixed-frequency, cur-
rent-mode PWM step-down DC/DC converters that
are optimized for high efficiency and are capable of
supplying up to 750mA, 750mA and 550mA, re-
spectively. REG4, REG5 and REG6 are low noise,
high PSRR linear regulators that are capable of
supplying up to 250mA each.
The ACT8796 is available in a tiny 4mm x 4mm 24-
pin Thin-QFN package that is just 0.75mm thin.
ACT8796
System
Control
REG2
Step-Down
DC/DC
REG1
Step-Down
DC/DC
REG3
Step-Down
DC/DC
REG4
LDO
REG5
LDO
REG6
LDO
ON3
SCL
SDA
Battery
nMSTR
PWRHLD
OUT4
0.645V to 3.7V
Up to 250mA
OUT2
1.1V to 4.4V
Up to 750mA
OUT6
1.4V to 3.7V
Up to 250mA
OUT3
1.1V to 4.4V
Up to 550mA
OUT1
1.1V to 4.4V
Up to 750mA
OUT5
1.4V to 3.7V
Up to 250mA
TM
PMU
PMU
Active
nRSTO


Similar Part No. - ACT8796_08

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8796 ACTIVE-SEMI-ACT8796_09 Datasheet
692Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 2, 16-Nov-09
More results

Similar Description - ACT8796_08

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8740 ACTIVE-SEMI-ACT8740 Datasheet
111Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8750 ACTIVE-SEMI-ACT8750 Datasheet
103Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
ACT8770 ACTIVE-SEMI-ACT8770 Datasheet
111Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
19-Feb-08
ACT8780 ACTIVE-SEMI-ACT8780 Datasheet
107Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8786 ACTIVE-SEMI-ACT8786 Datasheet
107Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8796 ACTIVE-SEMI-ACT8796 Datasheet
108Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
31-Jan-08
ACT8798 ACTIVE-SEMI-ACT8798 Datasheet
109Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
31-Jan-08
ACT8798 ACTIVE-SEMI-ACT8798_08 Datasheet
646Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 10-Oct-08
ACT8796 ACTIVE-SEMI-ACT8796_09 Datasheet
692Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 2, 16-Nov-09
ACT8798 ACTIVE-SEMI-ACT8798_09 Datasheet
618Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 1, 16-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com