Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8712 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT8712
Description  Four Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8712 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT8712 Datasheet HTML 1Page - Active-Semi, Inc ACT8712 Datasheet HTML 2Page - Active-Semi, Inc ACT8712 Datasheet HTML 3Page - Active-Semi, Inc ACT8712 Datasheet HTML 4Page - Active-Semi, Inc ACT8712 Datasheet HTML 5Page - Active-Semi, Inc ACT8712 Datasheet HTML 6Page - Active-Semi, Inc ACT8712 Datasheet HTML 7Page - Active-Semi, Inc ACT8712 Datasheet HTML 8Page - Active-Semi, Inc ACT8712 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Rev0, 25-Feb-08
ACT8712
Innovative Products. Active Solutions.
- 3 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
Charge
Control
VP1
VP2
GP12
GP12
SW2
SW1
ON1
nRSTO
nMSTR
PUSH
BUTTON
nIRQ
ON2
VSYS
VIN
BAT
CHGLEV
2.9V
PRE-
CONDITION
CURRENT
SENSE
VOLTAGE
SENSE
OUT2
OUT1
110°C
THERMAL
REGULATION
OUT2
FLOAT
OUT2
OUT2
4.0V
VINUVLO
nSTAT
CHARGE STATUS
4.3V to 6V
OUT2
OUT1
VSYS
BODY AND
VSYS
CONTROL
GP3
SW3
To Battery
OUT3
FB3
OVP3
Serial
Interface
SDA
SCL
AC Adaptor
or USB
System
Control
GA
To Battery
+
Li+ Battery
To Battery
ACT8712
FUNCTIONAL BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com