Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV19W Datasheet(PDF) 2 Page - Weitron Technology

Part # BAV19W
Description  Surface Mount Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAV19W Datasheet(HTML) 2 Page - Weitron Technology

  BAV19W Datasheet HTML 1Page - Weitron Technology BAV19W Datasheet HTML 2Page - Weitron Technology BAV19W Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings ( TA=25 C Unless otherwise noted)
Characteristic
Reverse Voltage
Non-Repetitive Peak Reverse Voltage
Peak Repetitive
Working Peak Reverse Voltage
DC Blocking Voltage
Thermal Resistance junction to
Ambient Air
Symbol
VRRM
VRWM
VR
VR(RMS)
IFSM
IFM
BAV19W
BAV21W
BAV20W
Unit
100
150
200
200
250
120
V
V
V
A
mA
mW
mA
Operating & Storage Temperature Range
TJ, TSTG
-55 to +150
Electrical Characteristics ( TA=25 C Unless otherwise noted)
Characteristic
Symbol
V(BR)R
VRM
Min
Max
Unit
-
-
-
-
-
-
-
-
-
V
Total Capacitance
Device Marking
Item
Marking
Eqivalent Circuit diagram
BAV19W
BAV20W
BAV21W
BAV19W/BAV20W
BAV21W
500
Non-Repetitive Peak Forward Surge Current
RMS Reverse Voltage
71
2.5
0.5
200
250
1.0
120
Peak Reverse Current
IR
uA
nA
(IF=100 mA)
(IF=200 mA)
(IF=I =30mA)
(IR=100 uA)
(VR=0, f=1.0MHz)
VF
V
Average Rectified Output Current
Io
200
400
C/W
C
Forward Voltage
C
PF
WEITRON
http://www.weitron.com.tw
Reverse Reverse Breakdown Voltage
R JA
106
141
Forward Continous Current
@t=1.0ms
@t=1.0s
Power Dissipation
PD
250
BAV19W
BAV20W
BAV21W
1.25
100
15
@Rated DC Blocking Voltage
Tj=25 C
Tj=100 C
T
5.0
50
Rverse Recovery Time
t rr
ns
R
(Irr=0.1 I , R =100 )
R L
I
I
Ω
A8
T2
T3
(1)
2
1
Note:
1.Valid provided that terminals are kept at ambient temperature.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com