Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6660CSM4 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N6660CSM4
Description  N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6660CSM4 Datasheet(HTML) 1 Page - Seme LAB

  2N6660CSM4 Datasheet HTML 1Page - Seme LAB 2N6660CSM4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number 7777
Issue 1
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
2N6660CSM4
N–CHANNEL
ENHANCEMENT MODE
MOS TRANSISTOR
FEATURES
• Switching Regulators
• Converters
• Motor Drivers
• JAN Level Screening Options
• CECC Screening Options
• Space Quality Level Options
VDS
Drain – Source Voltage
VGS
Gate – Source Voltage
ID
Drain Current
@ TCASE = 25°C
ID
Drain Current
@ TCASE = 100°C
IDM
Pulsed Drain Current *
PD
Power Dissipation
@ TCASE = 25°C
PD
Power Dissipation
@ TCASE = 100°C
Tj
Operating Junction Temperature Range
Tstg
Storage Temperature Range
TL
Lead Temperature (
from case for 10 sec.)
60V
±40V
1.1A
0.8A
3A
6.25W
2.5W
–55 to 150°C
–55 to 150°C
300°C
MECHANICAL DATA
Dimensions in mm (inches)
ABSOLUTE MAXIMUM RATINGS (TCASE = 25°C unless otherwise stated)
Underside View
LCC3 PACKAGE (MO-041BA)
Pin 1 – Drain
Pin 2 – N/C
Pin 3 – Source
Pin 4 – Gate
1
2
3
4
5.59 ± 0.13
(0.22 ± 0.005)
0.23
(0.009)
rad.
1.02 ± 0.20
(0.04 ± 0.008)
2.03 ± 0.20
(0.08 ± 0.008)
1.40 ± 0.15
(0.055 ± 0.006)
0.25 ± 0.03
(0.01 ± 0.001)
0.23
(0.009)
min.
1 ”
16
* Pulse Width Limited by Maximum Junction Temperature


Similar Part No. - 2N6660CSM4

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6660CSM4 SEME-LAB-2N6660CSM4 Datasheet
135Kb / 2P
N?밅HANNEL ENHANCEMENT MODE MOSFET
2N6660CSM4_0809 SEME-LAB-2N6660CSM4_0809 Datasheet
135Kb / 2P
N?밅HANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - 2N6660CSM4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSH103 PHILIPS-BSH103 Datasheet
96Kb / 12P
N-channel enhancement mode MOS transistor
1998 Feb 11
BSH104 PHILIPS-BSH104 Datasheet
51Kb / 8P
N-channel enhancement mode MOS transistor
1997 Nov 26
BSH105 PHILIPS-BSH105 Datasheet
145Kb / 7P
N-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSH107 PHILIPS-BSH107 Datasheet
152Kb / 7P
N-channel enhancement mode MOS transistor
August 1998 Rev 1.000
PHN110 PHILIPS-PHN110 Datasheet
79Kb / 12P
N-channel enhancement mode MOS transistor
1997 Jun 17
logo
Seme LAB
2N7002CSM SEME-LAB-2N7002CSM Datasheet
14Kb / 2P
N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
logo
Calogic, LLC
2N7000 CALOGIC-2N7000 Datasheet
25Kb / 2P
N-Channel Enhancement-Mode MOS Transistor
2N7002 CALOGIC-2N7002 Datasheet
24Kb / 2P
N-Channel Enhancement-Mode MOS Transistor
logo
Seme LAB
2N6660X SEME-LAB-2N6660X Datasheet
37Kb / 2P
N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
logo
Nexperia B.V. All right...
BSH103 NEXPERIA-BSH103 Datasheet
197Kb / 13P
N-channel enhancement mode MOS transistor
1998 Feb 11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com