Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1511 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1511
Description  PWM CONTROL 5A STEP-DOWN CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1511 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1511 Datasheet HTML 1Page - Diodes Incorporated AP1511 Datasheet HTML 2Page - Diodes Incorporated AP1511 Datasheet HTML 3Page - Diodes Incorporated AP1511 Datasheet HTML 4Page - Diodes Incorporated AP1511 Datasheet HTML 5Page - Diodes Incorporated AP1511 Datasheet HTML 6Page - Diodes Incorporated AP1511 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP1511
PWM CONTROL 5A STEP-DOWN CONVERTER
AP1511 Rev. 1
3 of 7
NOVEMBER 2007
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
ESD HBM Human Body Model ESD Protection
5
KV
ESD MM
Machine Model ESD Protection
350
V
VCC
VCC Pin Voltage
VSS - 0.3 to VSS + 25
V
VFB
VOUT Pin Voltage
VSS - 0.3 to VCC
V
VEN
EN Pin Voltage
VSS - 0.3 to VCC + 0.3
V
VOUTPUT
Switch Pin Voltage
VSS - 0.3 to VIN + 0.3
V
PD
Power Dissipation (Note 3)
Internally limited
mW
TOP
Operating Junction Temperature
-20 to +125
oC
TST
Storage Temperature Range
-40 to +150
oC
Caution: The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be
exceeded under any conditions.
Note:
3. Due to the IC and SBD and Inductor were hot in high current, if you need to reduce the operation temperature that you must increase the
component space or thermal dissipation space.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
3.6
23
V
IOUT
Output Current
0
5
A
TA
Operating Ambient Temperature
-20
125
oC
Not Recommended
for New Designs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com