Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF1502S Datasheet(PDF) 2 Page - Weitron Technology

Part # DF1502S
Description  Surface Mount Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

DF1502S Datasheet(HTML) 2 Page - Weitron Technology

  DF1502S Datasheet HTML 1Page - Weitron Technology DF1502S Datasheet HTML 2Page - Weitron Technology DF1502S Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V
V
V
A
A
V
μA
°C
°C
100
pF
°C/W
10
500
25
40
http://www.weitron.com.tw
WEITRON
RθJA
1.5
50
1.1
DF15005S thru DF1510S
2/3
07-Feb-06
Maximum Ratings and Electrical Characteristics
Rating 25°C Ambient Temperature Unless Otherwise Specified.
Single Phase Half Wave, 60Hz, Resistive or Inductive Load.
For Capacitive Load, Derate Current by 20 %.
Characteristics
Maximum Recurrent Peak Reverse Voltage
DF15005S DF1501S DF1502S DF1504S DF1506S DF1508S DF1510S
Symbol
2. Thermal Resistance from junction to ambient mounted on P.C.B. with 13 * 13 mm Copper pads.
Notes: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward
Rectified Current @TC = 40°C
Peak Forward Surge Current,
8.3ms Single Half Sine-Wave
Super imposed on Rated Load (JEDEC Method)
Maximum Instantaneous At 1.0 ADC
Maximum DC Reverse Current @Tj = 25°C
At Rated DC Blocking Voltage @Tj = 125°C
Typical Junction Capacitance (Note1)
Typical Thermal Resistance (Note2)
Operating Temperature Range
Storage Temperature Range
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
50
35
50
Unit
-55 to +150
-55 to +150
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
CJ
TJ
TSTG



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com