Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUJD103AD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BUJD103AD
Description  NPN power transistor with integrated diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJD103AD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BUJD103AD Datasheet HTML 6Page - NXP Semiconductors BUJD103AD Datasheet HTML 7Page - NXP Semiconductors BUJD103AD Datasheet HTML 8Page - NXP Semiconductors BUJD103AD Datasheet HTML 9Page - NXP Semiconductors BUJD103AD Datasheet HTML 10Page - NXP Semiconductors BUJD103AD Datasheet HTML 11Page - NXP Semiconductors BUJD103AD Datasheet HTML 12Page - NXP Semiconductors BUJD103AD Datasheet HTML 13Page - NXP Semiconductors BUJD103AD Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
BUJD103AD_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 6 October 2009
11 of 14
NXP Semiconductors
BUJD103AD
NPN power transistor with integrated diode
7.
Package outline
Fig 19. Package outline SOT428 (DPAK)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT428
SC-63
TO-252
SOT428
06-02-14
06-03-16
DIMENSIONS (mm are the original dimensions)
Plastic single-ended surface-mounted package (DPAK); 3 leads (one lead cropped)
A
2
13
E1
D2
D1
HD
L
L1
L2
e1
e
mounting
base
wA
M
b
E
b2
b1
c
A1
y
0
5
10 mm
scale
UNIT
mm
0.93
0.46
5.46
5.00
0.56
0.20
6.22
5.98
6.73
6.47
10.4
9.6
2.95
2.55
A1
2.38
2.22
Ab2
1.1
0.9
b1
e1
0.89
0.71
bc
D1
0.9
0.5
L2
Ee
2.285
4.57
4.0
D2
min
4.45
E1
min
0.5
L1
min
HD
Lw
0.2
y
max
0.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com