Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576D Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF8576D
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576D Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF8576D Datasheet HTML 29Page - NXP Semiconductors PCF8576D Datasheet HTML 30Page - NXP Semiconductors PCF8576D Datasheet HTML 31Page - NXP Semiconductors PCF8576D Datasheet HTML 32Page - NXP Semiconductors PCF8576D Datasheet HTML 33Page - NXP Semiconductors PCF8576D Datasheet HTML 34Page - NXP Semiconductors PCF8576D Datasheet HTML 35Page - NXP Semiconductors PCF8576D Datasheet HTML 36Page - NXP Semiconductors PCF8576D Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
PCF8576D_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 25 August 2009
33 of 52
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
The contact resistance between the SYNC on each cascaded device must be controlled.
If the resistance is too high, the device is not able to synchronize properly; this is
particularly applicable to chip-on-glass applications. The maximum SYNC contact
resistance allowed for the number of devices in cascade is given in Table 18.
The PCF8576D can be cascaded with the PCF8562, the PCF8533 or the PCF8534A.
This allows optimal drive selection for a given number of pixels to display. Figure 20 and
Figure 21 show the timing of the synchronization signals.
Table 18.
SYNC contact resistance
Number of devices
Maximum contact resistance
26 k
Ω
3 to 5
2.2 k
Ω
6 to 10
1.2 k
Ω
10 to 16
700
Ω
Fig 22. Cascaded PCF8576D configuration
HOST
MICRO-
PROCESSOR/
MICRO-
CONTROLLER
SDA
SCL
CLK
OSC
SYNC
1, 58, 59
2, 3
4
5
7
89
6
8
9
10
11
12
13
10
11
12
40 segment drives
4 backplanes
40 segment drives
LCD PANEL
(up to 2560
elements)
PCF8576DU
A0
A1
A2
SA0
VDD
VLCD
DD
V
LCD
V
mdb077
SDA
SCL
SYNC
CLK
OSC
1, 58, 59
613
2, 3
4
5
7
BP0 to BP3
(open-circuit)
A0
A1
A2
SA0 VSS
VSS
VSS
VDD
VLCD
PCF8576DU
BP0 to BP3
R
tr
2CB
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com