Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE95DP Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SE95DP
Description  Ultra high accuracy digital temperature sensor and thermal watchdog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE95DP Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SE95DP Datasheet HTML 13Page - NXP Semiconductors SE95DP Datasheet HTML 14Page - NXP Semiconductors SE95DP Datasheet HTML 15Page - NXP Semiconductors SE95DP Datasheet HTML 16Page - NXP Semiconductors SE95DP Datasheet HTML 17Page - NXP Semiconductors SE95DP Datasheet HTML 18Page - NXP Semiconductors SE95DP Datasheet HTML 19Page - NXP Semiconductors SE95DP Datasheet HTML 20Page - NXP Semiconductors SE95DP Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
SE95_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 2 September 2009
17 of 27
NXP Semiconductors
SE95
Ultra high accuracy digital temperature sensor and thermal watchdog
12. Dynamic characteristics
[1]
These specifications are guaranteed by design and not tested in production.
Table 18.
Dynamic characteristics[1]
VCC = 2.8 V to 5.5 V, Tamb = −55 °C to +125 °C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
TCLK
SCL clock period
see Figure 11
2.5
-
-
µs
t(SCL)H
HIGH period of the SCL clock
0.6
-
-
µs
t(SCL)L
LOW period of the SCL clock
1.3
-
-
µs
tHD;STA
hold time (repeated) START condition
100
-
-
ns
tSU;DAT
data set-up time
100
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
tSU;STO
set-up time for STOP condition
100
-
-
ns
tf
fall time
pins SDA and OS;
CL = 400 pF; IOL =3mA
-
250
-
ns
Fig 11.
Timing diagram
001aad616
SDA
SCL
tHIGH
tLOW
ssr
p
s
tf
tHD;STA
tHD;DAT
tf
tSU;DAT
tSU;STO
tHD;STA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com