Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL2101T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SSL2101T
Description  SMPS IC for dimmable LED lighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2101T Datasheet(HTML) 3 Page - NXP Semiconductors

  SSL2101T Datasheet HTML 1Page - NXP Semiconductors SSL2101T Datasheet HTML 2Page - NXP Semiconductors SSL2101T Datasheet HTML 3Page - NXP Semiconductors SSL2101T Datasheet HTML 4Page - NXP Semiconductors SSL2101T Datasheet HTML 5Page - NXP Semiconductors SSL2101T Datasheet HTML 6Page - NXP Semiconductors SSL2101T Datasheet HTML 7Page - NXP Semiconductors SSL2101T Datasheet HTML 8Page - NXP Semiconductors SSL2101T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SSL2101_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 28 August 2009
3 of 22
NXP Semiconductors
SSL2101
SMPS IC for dimmable LED lighting
6.
Block diagram
Fig 1.
Block diagram
ISENSE
SBLEED
WBLEED
BLEEDER
SUPPLY
LOGIC
PROTECTION
LOGIC
OSCILLATOR
FREQUENCY
REDUCTION
CIRCUIT
Overcurrent
Blank
Low freq
Stop
Short-winding protection
THERMAL
SHUTDOWN
POWER - UP
RESET
PWM
LIMIT
CIRCUIT
VALLEY
DRAIN
AUX
SOURCE
100 mV
0.5 V
1.5 V
VCC
RC
BRIGHTNESS
RC2
PWMLIMIT
GND
014aaa567
3
4, 5,13,
14, 15
8
6
7
9
10
1
2
16
11
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com