Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE97TP Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SE97TP
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TP Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SE97TP Datasheet HTML 13Page - NXP Semiconductors SE97TP Datasheet HTML 14Page - NXP Semiconductors SE97TP Datasheet HTML 15Page - NXP Semiconductors SE97TP Datasheet HTML 16Page - NXP Semiconductors SE97TP Datasheet HTML 17Page - NXP Semiconductors SE97TP Datasheet HTML 18Page - NXP Semiconductors SE97TP Datasheet HTML 19Page - NXP Semiconductors SE97TP Datasheet HTML 20Page - NXP Semiconductors SE97TP Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
SE97_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 August 2009
17 of 53
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
7.10.1.2
Page Write
The SE97 contains 256 bytes of data, arranged in 16 pages of 16 bytes each. The page is
selected by the four Most Significant Bits (MSB) of the address byte presented to the
device after the slave address, while the four Least Significant Bits (LSB) point to the byte
within the page. By loading more than one data byte into the device, up to an entire page
can be written in one write cycle (see Figure 15). The internal byte address counter will
increment automatically after each data byte. If the master transmits more than
16 data bytes, then earlier bytes will be overwritten by later bytes in a wrap-around fashion
within the selected page. The internal write cycle is started following the STOP condition
created by the master.
7.10.1.3
Acknowledge polling
Acknowledge polling can be used to determine if the SE97 is busy writing or is ready to
accept commands. Polling is implemented by sending a ‘Selective Read’ command
(described in Section 7.10.3 “Read operations”) to the device. The SE97 will not
acknowledge the slave address as long as internal write is in progress.
7.10.2 Memory protection
The lower half (the first 128 bytes) of the memory can be write protected by special
EEPROM commands without an external control pin. The SE97 features three types of
memory write protection instructions, and three respective read Protection instructions.
The level of write-protection (set or clear) that has been defined using these instructions
remained defined even after power cycle.
The memory protection commands are:
• Permanent Write Protection (PWP)
• Reversible Write Protection (RWP)
• Clear Write Protection (CWP)
• Read Permanent Write Protection (RPWP)
• Read Reversible Write Protection (RRWP)
• Read Clear Write Protection (RCWP)
Fig 15. Page Write timing
0
1
0
A2 A1 A0
0
A
S
1
A
slave address (memory)
START condition
R/W acknowledge
from slave
acknowledge
from slave
word address
SDA
data to memory
DATA n
A
acknowledge
from slave
002aab247
P
STOP condition;
write to the memory is performed
data to memory
DATA n
+ 15
A
acknowledge
from slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com