Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2592 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2592
Description  470MHz INPUT MIXER AND 455kHz FM IF DEMODULATOR IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2592 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2592 Datasheet HTML 3Page - New Japan Radio NJM2592 Datasheet HTML 4Page - New Japan Radio NJM2592 Datasheet HTML 5Page - New Japan Radio NJM2592 Datasheet HTML 6Page - New Japan Radio NJM2592 Datasheet HTML 7Page - New Japan Radio NJM2592 Datasheet HTML 8Page - New Japan Radio NJM2592 Datasheet HTML 9Page - New Japan Radio NJM2592 Datasheet HTML 10Page - New Japan Radio NJM2592 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NJM2592
Ver.2004-08-25
-7-
Pin No.
SYMBOL
EQUIVARENT CIRCUIT
VOLTAGE
FUNCTION
12
LPF IN
0.55V
Low Pass Filter Input
An external RC components
forms a band pass filter between
pin12 and pin13.
This terminal is biased from pin 11
though an external RC filter.
13
LPF OUT
0.55V
Low Pass Filter Output
14
CHARGE
SW
--
Quick Charge / Discharge
Control
The power supply output voltage
to pin 14 sets up the quick charge
/ discharge circuit.
Hi : ON
Low : OFF
Instead of V+, another power
source can also be used within
the limit of the rated supply
voltage.
15
FSK OUT
--
FSK Output
The FSK comparator is a wave
shaping circuit. A Filter Amplifier
output signal is inverted and wave
shaped. Instead of V+, another
power source can also be used
within the limit of the rated supply
voltage.
16
CARRIER
SENSE
--
Carrier Sense Output
This pin outputs the result of RSSI
comparator by comparing RSSI
output level with an external input
level to pin 18.
12
V+
13
V+
14
300k
V+
15
V+
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com