Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2051GST1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXM2051GST1
Description  50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2051GST1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXM2051GST1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2051GST1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2051GST1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2051GST1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2051GST1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2051GST1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2051GST1 Datasheet HTML 7Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MPXM2051G
Rev 2, 10/2009
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2005-2009. All rights reserved.
Pressure
50 kPa On-Chip Temperature
Compensated and Calibrated
Silicon Pressure Sensors
The MPXM2051G device is a silicon piezoresistive pressure sensor
providing a highly accurate and linear voltage output - directly proportional to
the applied pressure. The sensor is a single, monolithic silicon diaphragm
with the strain gauge and a thin-film resistor network integrated on-chip. The
chip is laser trimmed for precise span and offset calibration and temperature
compensation.
Features
• Temperature Compensated Over 0
°C to +85°C
• Available in Easy-to-Use Tape & Reel
• Ratiometric to Supply Voltage
• Gauge Ported
ORDERING INFORMATION
Device Name
Case
No.
# of Ports
Pressure Type
Device
Marking
None
Single
Dual
Gauge
Differential
Absolute
MPAK Package (MPXM2051 Series)
MPXM2051GS
1320A
•
•
MPXM2051GS
MPXM2051GST1
1320A
•
•
MPXM2051GS
MPXM2051G
Series
0 to 50 kPa (0 to 7.25 psi)
40 mV Full Scale Span
(Typical)
MPXM2051GS/GST1
CASE 1320
MPAK PACKAGE
Application Examples
• Pump/Motor Controllers
• Robotics
• Level Indicators
• Medical Diagnostics
• Pressure Switching
• Non-Invasive Blood Pressure
Measurement


Similar Part No. - MPXM2051GST1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXM2051GST1 FREESCALE-MPXM2051GST1 Datasheet
218Kb / 6P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPXM2051GST1 NXP-MPXM2051GST1 Datasheet
828Kb / 10P
MPXM2051G, 0 to 50 kPa, Gauge Compensated Pressure Sensors
Rev. 4.0, 06/2020
MPXM2051GST1 NXP-MPXM2051GST1 Datasheet
306Kb / 14P
50 kPa Temperature compensated pressure sensor
Rev. 5.1 - 17 May 2024
More results

Similar Description - MPXM2051GST1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2050GP MOTOROLA-MPX2050GP Datasheet
130Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Freescale Semiconductor...
MPXM2053 FREESCALE-MPXM2053 Datasheet
129Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2051G FREESCALE-MPXM2051G Datasheet
218Kb / 6P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2053 FREESCALE-MPXM2053_06 Datasheet
226Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2050 FREESCALE-MPX2050_08 Datasheet
127Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_08 Datasheet
388Kb / 19P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_12 Datasheet
310Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXV2050 FREESCALE-MPXV2050 Datasheet
139Kb / 7P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2050 NXP-MPX2050 Datasheet
167Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2008
MPX2053 NXP-MPX2053 Datasheet
377Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com