Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9RS08KA2J3CDB Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CDB
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CDB Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CDB Datasheet HTML 26Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 27Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 28Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 29Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 30Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 31Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 32Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 33Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 134 page
background image
Chapter 4 Memory
SC9RS08KA2 Series Data Sheet, Rev. 1
30
Freescale Semiconductor
•
Up to 1000 program/erase cycles at typical voltage and temperature
•
Security feature for Flash
4.6.2
Flash Programming Procedure
Programming of Flash memory is done on a row basis. A row consists of 64 consecutive bytes starting
from addresses $3X00, $3X40, $3X80, or $3XC0. Use the following procedure to program a row of Flash
memory:
1. Apply external VPP.
2. Set the PGM bit. This configures the memory for program operation and enables the latching of
address and data for programming.
3. Write any data to any Flash location, via the high page accessing window $00C0–$00FF, within
the address range of the row to be programmed. (Prior to the data writing operation, the PAGESEL
register must be configured correctly to map the high page accessing window to the corresponding
Flash row).
4. Wait for a time, tnvs.
5. Set the HVEN bit.
6. Wait for a time, tpgs.
7. Write data to the Flash location to be programmed.
8. Wait for a time, tprog.
9. Repeat steps 7 and 8 until all bytes within the row are programmed.
10. Clear the PGM bit.
11. Wait for a time, tnvh.
12. Clear the HVEN bit.
13. After time, trcv, the memory can be accessed in read mode again.
14. Remove external VPP.
This program sequence is repeated throughout the memory until all data is programmed.
NOTE
Flash memory cannot be programmed or erased by software code executed
from Flash locations. To program or erase Flash, commands must be
executed from RAM or BDC commands. User code should not enter wait or
stop during erase or program sequence.
These operations must be performed in the order shown; other unrelated
operations may occur between the steps.
4.6.3
Flash Mass Erase Operation
Use the following procedure to mass erase the entire Flash memory:
1. Apply external VPP.
2. Set the MASS bit in the Flash control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com