| Electronic Components Datasheet Search |
|
SC9RS08KA2J3CPC Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC9RS08KA2J3CPC Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc |
|
29 / 134 page ![]() Chapter 4 Memory SC9RS08KA2 Series Data Sheet, Rev. 1 Freescale Semiconductor 29 4.5 RAM The device includes two sections of static RAM. The locations from $0000 to $000D can be directly accessed using the more efficient tiny addressing mode instructions and short addressing mode instructions. Location $000E RAM can either be accessed through D[X] register when register X is $0E or through the paging window location $00CE when PAGESEL register is $00. The second section of RAM starts from $0020 to $004F, and it can be accessed using direct addressing mode instructions. The RAM retains data when the MCU is in low-power wait and stop mode. RAM data is unaffected by any reset provided that the supply voltage does not drop below the minimum value for RAM retention. 4.6 Flash The Flash memory is intended primarily for program storage. In-circuit programming allows the operating program to be loaded into the Flash memory after final assembly of the application product. It is possible to program the entire array through the single-wire background debug interface. Because the device does not include on-chip charge pump circuitry, external VPP is required for program and erase operations. 4.6.1 Features Features of the Flash memory include: $020C– $020F Unimplemented — — — — — — — — $0210 FOPT 0 0 0 0 0 0 0 SECD $0211 FLCR 0 0 0 0 HVEN MASS 0PGM $0212– $0213 Reserved — — — — — — — — $0214– $021F Unimplemented — — — — — — — — — — — — — — — — $0220 PTAPE 0 0 PTAPE5 PTAPE4 0 PTAPE2 PTAPE1 PTAPE0 $0221 PTAPUD 0 0 PTAPUD5 PTAPUD4 0 PTAPUD2 PTAPUD1 PTAPUD0 $0222 PTASE 0 0 PTASE5 PTASE4 PTASE3 0 PTASE1 PTASE0 $0223– $023F Unimplemented — — — — — — — — $3FF8 Reserved — — — — — — — — $3FF9 Reserved — — — — — — — — $3FFA2 Reserved Reserved for Room Temperature ICS Trim $3FFB2 Reserved Reserved FTRIM $3FFC NVOPT 0 0 0 0 0 0 0 SECD 1 Physical RAM in $000E can be accessed through D[X] register when the content of the index register X is $0E. 2 If using the MCU untrimmed, $3FFA and $3FFB may be used by applications. Table 4-1. Register Summary (continued) Address Register Name Bit 7 6 5 4 3 2 1 Bit 0 = Unimplemented or Reserved |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |