Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9RS08KA2J3CSC Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CSC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CSC Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CSC Datasheet HTML 50Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 51Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 52Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 53Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 54Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 55Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 56Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 57Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 134 page
background image
Chapter 7 Keyboard Interrupt (RS08KBIV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
54
Freescale Semiconductor
7.3.2
KBI Pin Enable Register (KBIPE)
KBIPE contains the pin enable control bits.
7.3.3
KBI Edge Select Register (KBIES)
KBIES contains the edge select control bits.
1
KBIE
Keyboard Interrupt Enable — KBIE enables keyboard interrupt requests.
0 Keyboard interrupt request not enabled.
1 Keyboard interrupt request enabled.
0
KBMOD
Keyboard Detection Mode — KBMOD (along with the KBEDG bits) controls the detection mode of the keyboard
interrupt pins.
0 Keyboard detects edges only.
1 Keyboard detects both edges and levels.
765
43
210
R0
0
KBIPE5
KBIPE4
0
KBIPE2
KBIPE1
KBIPE0
W
Reset:
00
00
000
0
Figure 7-4. KBI Pin Enable Register (KBIPE)
Table 7-4. KBIPE Register Field Descriptions
Field
Description
5,4, 2:0
KBIPEn
Keyboard Pin Enables — Each of the KBIPEn bits enables the corresponding keyboard interrupt pin.
0 Corresponding pin not enabled as keyboard interrupt.
1 Corresponding pin enabled as keyboard interrupt.
765
43
210
R0
0
KBEDG5
KBEDG4
0
KBEDG2
KBEDG1
KBEDG0
W
Reset:
00
00
000
0
Figure 7-5. KBI Edge Select Register (KBIES)
Table 7-5. KBIES Register Field Descriptions
Field
Description
5,4, 2:0
KBEDGn
Keyboard Edge Selects — Each of the KBEDGn bits selects the falling edge/low level or rising edge/high level
function of the corresponding pin.
0 Falling edge/low level.
1 Rising edge/high level.
Table 7-3. KBISC Register Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com