Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX35 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button IMX35_1 Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 12Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
13
4.1.2
Interface Frequency Limits
Table 8 provides information on interface frequency limits.
I2Sx2,ESAI, I2C2, UART2, UART1, FEC
NVCC_MISC
1.75
—
3.6
V
MLB
NVCC_MLB2
1.75
—
3.6
V
USB OTG PHY
PHY1_VDDA
3.17
3.3
3.43
V
USB OTG PHY
USBPHY1_VDDA_BIAS
3.17
3.3
3.43
V
USB OTG PHY
USBPHY1_UPLLVDD
3.17
3.3
3.43
V
USB HOST PHY
PHY2_VDD
3.0
3.3
3.6
V
OSC24M
OSC24M_VDD
3.0
3.3
3.6
V
OSC_AUDIO
OSC_AUDIO_VDD
3.0
3.3
3.6
V
MPLL
MVDD
1.4
—
1.65
V
PPLL
PVDD
1.4
—
1.65
V
Fusebox program supply voltage
FUSE_VDD3
3.0
3.6
3.6
V
Operating Ambient Temperature Range
TA
–20
—
70
oC
Operating Ambient Temperature Range
TA
–40
—
85
oC
1 EMI I/O interface power supply should be set up according to external memory. For example, if using SDRAM then
NVCC_EMI1,2,3 should all be set at 3.3 V (typ.). If using MDDR or DDR2, NVC_EMI1,2,3 must be set at 1.8 V (typ.).
2 MLB Interface I/O pins can be programmed to function as GPIO for the consumer and industrial parts by setting NVCC_MLB
to 1.8 or 3.3 V. NVCC_MLB can be left floating.
3 The Fusebox read supply is connected to supply of the full speed USB PHY. FUSE_VDD is only used for programming. It is
recommended that FUSE_VDD be connected to ground when not being used for programming.
Table 8. Interface Frequency
ID
Parameter
Symbol
Min.
Typ.
Max.
Units
1
JTAG TCK Frequency
fJTAG
DC
5
10
MHz
Table 7. i.MX35 Operating Ranges (continued)
Parameter
Symbol
Min.
Typical
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com