Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA7660FCT Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MMA7660FCT
Description  3-Axis Orientation/Motion Detection Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7660FCT Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MMA7660FCT Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Sensors
Freescale Semiconductor
21
MMA7660FC
$09: Tap/Pulse Detection Register (Read/Write)
PDET
NOTE: If XDA = YDA = ZDA = 0, samples per second is 120 samples/second, and Auto-Wake/Sleep feature is enabled,
the tap interrupt will reset the sleep counter.
XDA
1: X-axis is disabled for tap detection
0: X-axis is enabled for tap detection
YDA
1: Y-axis is disabled for tap detection
0: Y-axis is enabled for tap detection
ZDA
1: Z-axis is disabled for tap detection
0: Z-axis is enabled for tap detection
$0A: PD: Tap/Pulse Debounce Count Register (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
ZDA
YDA
XDA
PDTH[4]
PDTH[3]
PDTH[2]
PDTH[1]
PDTH[0]
0
0
0
000
00
PDTH[4:0]
DESCRIPTION
00000
Tap detection threshold is ±1 count
00001
00010
Tap detection threshold is ±2 counts
00011
Tap detection threshold is ±3 counts
...
... and so on up to...
11101
Tap detection threshold is ±29 counts
11110
Tap detection threshold is ±30 counts
11111
Tap detection threshold is ±31 counts
D7
D6
D5
D4
D3
D2
D1
D0
PD[7]
PD[6]
PD[5]
PD[4]
PD[3]
PD[2]
PD[1]
PD[0]
0
000000
0
PD[4:0]
DESCRIPTION
00000000
The tap detection debounce filtering requires 2 adjacent tap detection tests to be the same to trigger a tap event and set the
Tap bit in the TILT (0x03) register, and optionally set an interrupt if PDINT is set in the INTSU (0x06) register. Tap detection
response time is nominally 0.52 ms.
00000001
00000010
Tap detection debounce filtering requires 3 adjacent tap detection tests to be the same to trigger a tap event and set the Tap
bit in the TILT (0x03) register, and optionally set an interrupt if PDINT is set in the INTSU (0x06) register. Tap detection
response time is nominally 0.78 ms.
00000011
Tap detection debounce filtering requires 4 adjacent tap detection tests to be the same to trigger a tap event and set the Tap
bit in the TILT (0x03) register, and optionally set an interrupt if PDINT is set in the INTSU (0x06) register. Tap detection
response time is nominally 1.04 ms.
...
... and so on up to...
11111101
Tap detection debounce filtering requires 254 adjacent tap detection tests to be the same to trigger a tap event and set the
Tap bit in the TILT (0x03) register, and optionally set an interrupt if PDINT is set in the INTSU (0x06) register. Tap detection
response time is nominally 66.04 ms.
11111110
Tap detection debounce filtering requires 255 adjacent tap detection tests to be the same to trigger a tap event and set the
Tap bit in the TILT (0x03) register, and optionally set an interrupt if PDINT is set in the INTSU (0x06) register. Tap detection
response time is nominally 66.3 ms.
11111111
Tap detection debounce filtering requires 256 adjacent tap detection tests to be the same to trigger a tap event and set the
Tap bit in the TILT (0x03) register, and optionally set an interrupt if PDINT is set in the INTSU (0x06) register. Tap detection
response time is nominally 66.56 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com