Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3V5050DP Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MP3V5050DP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MP3V5050DP Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MP3V5050DP Datasheet HTML 1Page - Freescale Semiconductor, Inc MP3V5050DP Datasheet HTML 2Page - Freescale Semiconductor, Inc MP3V5050DP Datasheet HTML 3Page - Freescale Semiconductor, Inc MP3V5050DP Datasheet HTML 4Page - Freescale Semiconductor, Inc MP3V5050DP Datasheet HTML 5Page - Freescale Semiconductor, Inc MP3V5050DP Datasheet HTML 6Page - Freescale Semiconductor, Inc MP3V5050DP Datasheet HTML 7Page - Freescale Semiconductor, Inc MP3V5050DP Datasheet HTML 8Page - Freescale Semiconductor, Inc MP3V5050DP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP3V5050
Sensors
Freescale Semiconductor
5
Pressure
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
The two sides of the pressure sensor as the Pressure (P1)
side and the Vacuum (P2) side. The Pressure (P1) side is the
side containing fluorosilicone gel which protects the die from
harsh media. The MP3V pressure sensor is designed to
operate with positive differential pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the
table below:
Nominal Transfer Value: Vout = VS (P x 0.018 + 0.04)
± (Pressure Error x Temp. Factor x 0.018 x VS)
VS = 3.0 V ± 0.30 Vdc
Transfer Function
MP3V5050 SERIES
Temp
Multiplier
–40
3
0 to 85
1
+125
3
Temperature in °C
4.0
3.0
2.0
0.0
1.0
–40
–20
0
20
40
60
140
120
100
80
Temperature
Error
Factor
NOTE: The Temperature Multiplier is a linear response from 0° to –40°C and from 85° to 125°C.
Temperature Error Band
Pressure
Error (Max)
Pressure Error Band
0 to 50 (kPa)
±1.25 (kPa)
Error Limits for Pressure
Pressure (in kPa)
3.0
2.0
1.0
–1.0
–2.0
–3.0
0.0
0
10
2030
4050
60
Part Number
Case Type
Pressure (P1) Side Identifier
MP3V5050GP
1369
Side with Port Attached
MP3V5050DP
1351
Side with Part Marking
MP3V5050GC6U/T1
482A
Vertical Port Attached



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com