Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3H6115A Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MP3H6115A
Description  High Temperature Accuracy Integrated Silicon Pressure Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MP3H6115A Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MP3H6115A Datasheet HTML 1Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 2Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 3Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 4Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 5Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 6Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 7Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 8Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP3H6115A
Sensors
2
Freescale Semiconductor
Pressure
Operating Characteristics
Table 1. Operating Characteristics
(VS = 3.0 Vdc, TA = 25°C unless otherwise noted, P1 > P2.)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range
POP
15
—
115
kPa
Supply Voltage(1)
1. Device is ratiometric within this specified excitation range.
VS
2.7
3.0
3.3
Vdc
Supply Current
Io
—4.0
8.0
mAdc
Minimum Pressure Offset(2)
(0 to 85
°C)
@ VS = 3.0 Volts
2. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
Voff
0.079
0.12
0.161
Vdc
Full Scale Output(3)
(0 to 85
°C)
@ VS = 3.0 Volts
3. Full Scale Output (VFSO) is defined as the output voltage at the maximum or full rated pressure.
VFSO
2.780
2.82
2.861
Vdc
Full Scale Span(4)
(0 to 85
°C)
@ VS = 3.0 Volts
4. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
VFSS
2.660
2.70
2.741
Vdc
Accuracy
(0 to 85
°C)
———
±1.5
%VFSS
Sensitivity
V/P
—
27
—
mV/kPa
Response Time(5)
5. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to a
specified step change in pressure.
tR
—1.0
—
ms
Warm-Up Time(6)
6. Warm-up Time is defined as the time required for the product to meet the specified output voltage after the pressure has been stabilized.
——
20
—
ms
Offset Stability(7)
7. Offset Stability is the product's output deviation when subjected to 1000 cycles of Pulsed Pressure, Temperature Cycling with Bias Test.
——
±0.25
—
%VFSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com